Electronic Components Datasheet Search
  English  ▼

X  

STV82X8 Datasheet(PDF) 100 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button STV82X8 Datasheet HTML 96Page - STMicroelectronics STV82X8 Datasheet HTML 97Page - STMicroelectronics STV82X8 Datasheet HTML 98Page - STMicroelectronics STV82X8 Datasheet HTML 99Page - STMicroelectronics STV82X8 Datasheet HTML 100Page - STMicroelectronics STV82X8 Datasheet HTML 101Page - STMicroelectronics STV82X8 Datasheet HTML 102Page - STMicroelectronics STV82X8 Datasheet HTML 103Page - STMicroelectronics STV82X8 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 157 page
background image
Register List
STV82x8
100/157
PCM_SRND_DELAY
Dolby Surround Delay
Note:
To use this feature, set the DOLBY_DELAY_ON bit to 1 in register AV_DELAY_CONFIG (ADh).
PCM_CENTER_DELAY
Dolby Center Delay Register
Note:
To use this feature, set the DOLBY_DELAY_ON bit to 1 in register AV_DELAY_CONFIG (ADh).
CENTER_NOISE
0
1:
Generates noise on LS center output
RIGHT_NOISE
0
1:
Generates noise on LS right output
LEFT_NOISE
0
1:
Generates noise on LS left output
NOISE_ON
0
0:
Noise Generation not active
1:
Noise Generation active
Address: B5h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
DOLBY_DELAY_SRND[4:0]
Bit Name
Reset
Function
Bits[7:5]
000
Reserved.
DOLBY_DELAY_S
RND[4:0]
00000
Surround Channel Delay
Range: 0 to 30 (in ms)
Address: B6h
Type: R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0
0
0
0
DOLBY_DELAY_CENTER[3:0]
Bit Name
Reset
Function
Bits[7:4]
0000
Reserved.
DOLBY_DELAY_C
ENTER[3:0]
0000
Center Channel Delay
Range: 0 to 10 (in ms)
Bit Name
Reset
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com