Electronic Components Datasheet Search
  English  ▼

X  

STV82X8 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STV82X8
Description  Digital Audio Decoder / Processor for BTSC Television/Video Recorders
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV82X8 Datasheet(HTML) 1 Page - STMicroelectronics

  STV82X8 Datasheet HTML 1Page - STMicroelectronics STV82X8 Datasheet HTML 2Page - STMicroelectronics STV82X8 Datasheet HTML 3Page - STMicroelectronics STV82X8 Datasheet HTML 4Page - STMicroelectronics STV82X8 Datasheet HTML 5Page - STMicroelectronics STV82X8 Datasheet HTML 6Page - STMicroelectronics STV82X8 Datasheet HTML 7Page - STMicroelectronics STV82X8 Datasheet HTML 8Page - STMicroelectronics STV82X8 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 157 page
background image
PRELIMINARY DATA
®
February 2005
1/157
Rev. 1
Key Features
■ Fully Automatic Multi-Standard Demodulation
● M/N standards
● FM mono
● BTSC (US MTS) stereo and SAP standards
■ Multi-Channel Capability
● 3 I²S digital inputs, S/PDIF (in/out)
● 5.1 analog outputs
● Dolby
® Pro Logic®
● Dolby
® Pro Logic II®
● 2 I²S digital outputs (TQFP100 only)
● 2 asynchronous I²S digital inputs (TQFP100 only)
■ Sound Processing
● ST royalty-free processing: ST WideSurround, ST
OmniSurround, ST Dynamic Bass, ST Bass
Enhancer, SRS
® WOW™ , SRS® TruSurround
XT
™ which is Virtual Dolby® Surround and Virtual
Dolby
® Digital compliant
● Independent Volume / Balance for Loudspeakers
and Headphone
● Loudspeakers: Smart Volume Control (SVC),
5-band equalizer and loudness
● Headphone: Smart Volume Control (SVC), bass-
treble, loudness, ST Dynamic Bass and SRS
®
TruBass
™
● 3 different bip tones
■ Analog Audio Matrix
● 4 stereo inputs or 5 stereo inputs (TQFP100 only)
● 3 stereo outputs
● Pass-thru mode
■ Audio Delay for Audio Video Synchronization
● Embedded stereo delay up to 120 ms for lip-sync
function
● Independent delay on headphone and loudspeaker
channels
● External additional audio delay support (TQFP100
only)
The STV82x8 family, based on audio digital signal
processors (DSP), performs high quality and advanced
dedicated digital audio processing.These devices
provide all of the necessary resources for automatic
detection and demodulation of analog audio
transmissions for USA, Taiwanese, Brazilian etc.
terrestrial analog TV broadcasts.
Virtual or true multi-channel capabilities and easy digital
links make them ideal for digital audio low cost consumer
applications. Starting from enhanced stereo up to
independent control of 5 loudspeakers and a subwoofer
(5.1 channels), the STV82x8 family offers standard and
advanced features plus sound enhancements, spatial
and virtual effects to enhance television viewer comfort
and entertainment.
Typical Applications
● Analog and digital TV with virtual surround sound
● Analog and digital TV with multi-channel surround
sound
● DVD and HDD recorders
● “Palm size” portable TV
TQFP80 Package
®
ST
V8
2x
8
TQFP100 Package
®
ST
V8
2x
8
© 2004 SRS Labs, Inc. All rights reserved, SRS and
the SRS logo are registered trademarks of SRS Labs, Inc.
“Dolby”, “Pro Logic”, and the double-D symbol are trademarks of
Dolby Laboratories.
STV82x8
Digital Audio Decoder/Processor
for BTSC Television/Video Recorders


Similar Part No. - STV82X8

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STV82X6 STMICROELECTRONICS-STV82X6 Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
May-2004
STV82X6D STMICROELECTRONICS-STV82X6D Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
May-2004
STV82X6T STMICROELECTRONICS-STV82X6T Datasheet
1Mb / 95P
Multistandard TV Audio Processor and Digital Sound Demodulator
May-2004
STV82X7 STMICROELECTRONICS-STV82X7 Datasheet
2Mb / 149P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Feb-2005
STV82X7 STMICROELECTRONICS-STV82X7 Datasheet
2Mb / 156P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Jan-2006
More results

Similar Description - STV82X8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9852 PHILIPS-TDA9852 Datasheet
258Kb / 40P
I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Mar 11
TDA9853H PHILIPS-TDA9853H Datasheet
147Kb / 28P
I2C-bus controlled economic BTSC stereo decoder and audio processor
2000 Dec 11
TDA9855 PHILIPS-TDA9855 Datasheet
345Kb / 52P
I2C-bus controlled BTSC stereo/SAP decoder and audio processor
1997 Nov 04
logo
Panasonic Semiconductor
MN6168 PANASONIC-MN6168 Datasheet
224Kb / 7P
Digital Servo LSI for Video Tape Recorders
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247 Datasheet
2Mb / 149P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Feb-2005
logo
NXP Semiconductors
TDA3740 PHILIPS-TDA3740 Datasheet
301Kb / 7P
VIDEO PROCESSOR AND FREQUENCY MODULATOR FOR VIDEO RECORDERS
March 1986
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
822Kb / 42P
Digital BTSC Decoder
AKD4140-B AKM-AKD4140-B Datasheet
630Kb / 31P
BTSC decoder
logo
STMicroelectronics
STV8247 STMICROELECTRONICS-STV8247_06 Datasheet
2Mb / 156P
Digital Audio Decoder/Processor for A2 and NICAM Television/Video Recorders
Jan-2006
logo
Asahi Kasei Microsystem...
AK4140 AKM-AK4140 Datasheet
635Kb / 42P
Digital BTSC Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com