Electronic Components Datasheet Search
  English  ▼

X  

AD7792 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7792
Description  Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7792 Datasheet(HTML) 4 Page - Analog Devices

  AD7792 Datasheet HTML 1Page - Analog Devices AD7792 Datasheet HTML 2Page - Analog Devices AD7792 Datasheet HTML 3Page - Analog Devices AD7792 Datasheet HTML 4Page - Analog Devices AD7792 Datasheet HTML 5Page - Analog Devices AD7792 Datasheet HTML 6Page - Analog Devices AD7792 Datasheet HTML 7Page - Analog Devices AD7792 Datasheet HTML 8Page - Analog Devices AD7792 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
AD7792/AD7793
Preliminary Technical Data
REV.PrF 6/04 | Page 4
Parameter
AD7792/AD7793B
Unit
Test Conditions/Comments
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz (FS[3:0] = 10016), 60 ± 1 Hz (FS[3:0] =
10006)
REFERENCE
Internal Reference Initial Accuracy
1.17 ±0.01%
V min/max
Internal Reference Drift
5
ppm/°C typ
15
ppm/°C max
Internal Reference Noise
2
µV RMS
Gain = 1, Update Rate = 16.6 Hz. Includes ADC
Noise.
External REFIN Voltage
2.5
V nom
REFIN = REFIN(+) – REFIN(–)
Reference Voltage Range2
0.1
V DD
V min
V max
Absolute REFIN Voltage Limits2
GND – 30 mV
V min
AVDD + 30 mV
V max
Average Reference Input Current
400
nA/V typ
Average Reference Input Current Drift
±0.03
nA/V/°C typ
Normal Mode Rejection2
Same as for Analog
Inputs
Common Mode Rejection
Same as for Analog
Inputs
EXCITATION CURRENT SOURCES
(IEXC1 and IEXC2)
Output Current
10/200/1000
µA nom
Initial Tolerance at 25°C
±5
% typ
Drift
200
ppm/°C typ
Initial Current Matching at 25°C
±1
% typ
Matching between IEXC1 and EXC2. VOUT = 0 V
Drift Matching
20
ppm/°C typ
Line Regulation (VDD)
2.1
ppm/V max
AVDD = 5 V ± 5%. Typically 1.25 ppm/V
Load Regulation
0.3
ppm/V typ
Output Compliance
AVDD – 0.6
V max
10 µA or 200 µA Currents Selected
AVDD – 1
V max
1 mA Currents Selected
GND – 30 mV
V min
TEMP SENSOR
Accuracy
TBD
°C typ
BIAS VOLTAGE GENERATOR
VBIAS
AVDD/2
V nom
VBIAS Generator Start-Up Time
TBD
ms/nF typ
Dependent on the Capacitance on the AIN pin
INTERNAL/EXTERNAL CLOCK
Internal Clock
Frequency
64 ±2%
KHz nom
Duty Cycle
50:50
% typ
Drift
0.01
%/°C typ
External Clock
Frequency
64
KHz nom
Duty Cycle
45:55
% typ
LOGIC INPUTS
All Inputs Except SCLK, DIN and CLK2
VINL, Input Low Voltage
0.8
V max
DVDD = 5 V
0.4
V max
DVDD = 3 V
VINH, Input High Voltage
2.0
V min
DVDD = 3 V or 5 V
SCLK and DIN (Schmitt-Triggered Input)2
VT(+)
1.4/2
V min/V max
DVDD = 5 V
VT(–)
0.8/1.4
V min/V max
DVDD = 5 V
VT(+) – VT(–)
0.3/0.85
V min/V max
DVDD = 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com