Electronic Components Datasheet Search
  English  ▼

X  

AD7792 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7792
Description  Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7792 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7792 Datasheet HTML 10Page - Analog Devices AD7792 Datasheet HTML 11Page - Analog Devices AD7792 Datasheet HTML 12Page - Analog Devices AD7792 Datasheet HTML 13Page - Analog Devices AD7792 Datasheet HTML 14Page - Analog Devices AD7792 Datasheet HTML 15Page - Analog Devices AD7792 Datasheet HTML 16Page - Analog Devices AD7792 Datasheet HTML 17Page - Analog Devices AD7792 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AD7792/AD7793
Preliminary Technical Data
REV.PrF 6/04 | Page 16
Bit Location
Bit Name
Description
Written by the user to select the ADC input range as follows
G2
G1
G0
Gain
ADC Input Range (2.5V Reference)
0
0
0
1 (In-Amp not used)
2.5 V
0
0
1
2 (In-Amp not used)
1.25 V
0
1
0
4
625 mV
0
1
1
8
312.5 mV
1
0
0
16
156.2 mV
1
0
1
32
78.125 mV
1
1
0
64
39.06 mV
1
1
1
128
19.53 mV
CON7
REFSEL
Reference Select Bit. The reference source for the ADC is selected using this bit.
REFSEL
Reference Source
0
External Reference applied between REFIN(+) and REFIN(-)
1
Internal Reference Selected
CON6 - CON5
0
These bits must be programmed with a Logic 0 for correct operation.
CON4
BUF
Configures the ADC for buffered or unbuffered mode of operation. If cleared, the ADC operates in
unbuffered mode, lowering the power consumption of the device. If set, the ADC operates in
buffered mode, allowing the user to place source impedances on the front end without
contributing gain errors to the system.
The buffer can be disabled when the gain equals 1 or 2. For higher gains, the buffer is
automaticallyenabled.
CON3
CON2-CON0
0
CH2-CH0
This bit must be programmed with a Logic 0 for correct operation.
Channel Select bits.
Written by the user to select the active analog input channel to the ADC.
CH2
CH1
CH0
Channel
Calibration Pair
0
0
0
AIN1(+) – AIN1(-)
0
0
0
1
AIN2(+) – AIN2(-)
1
0
1
0
AIN3(+) – AIN3(-)
2
0
1
1
AIN1(-) – AIN1(-)
0
1
0
0
Reserved
1
0
1
Reserved
1
1
0
Temp Sensor
Automatically Selects Gain = 1 and Internal
Reference
1
1
1
VDD Monitor
Automatically Selects Gain = 1/6 and 1.17 V
Reference
DATA REGISTER (RS2, RS1, RS0 = 0, 1, 1; POWER-ON/RESET = 0x0000(00))
The conversion result from the ADC is stored in this data register. This is a read-only register. On completion of a read operation from
this register, the RDY bit/pin is set.
ID REGISTER (RS2, RS1, RS0 = 1, 0, 0; POWER-ON/RESET = 0xXA (AD7792) / 0xXB (AD7793))
The Identification Number for the AD7792/AD7793 is stored in the ID register. This is a read-only register.
IO REGISTER (RS2, RS1, RS0 = 1, 0, 1; POWER-ON/RESET = 0x00)
The I/O register is an 8-bit register from which data can be read or to which data can be written. This register is used to enable the excitation
currents and select the value of the excitation currents. Table 12 outlines the bit designations for the IO register. IO0 through IO7 indicate
the bit locations, IO denoting the bits are in the IO register. IO7 denotes the first bit of the data stream. The number in brackets indicates the
power-on/reset default status of that bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com