Electronic Components Datasheet Search
  English  ▼

X  

AD7792 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7792
Description  Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7792 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7792 Datasheet HTML 10Page - Analog Devices AD7792 Datasheet HTML 11Page - Analog Devices AD7792 Datasheet HTML 12Page - Analog Devices AD7792 Datasheet HTML 13Page - Analog Devices AD7792 Datasheet HTML 14Page - Analog Devices AD7792 Datasheet HTML 15Page - Analog Devices AD7792 Datasheet HTML 16Page - Analog Devices AD7792 Datasheet HTML 17Page - Analog Devices AD7792 Datasheet HTML 18Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Preliminary Technical Data
AD7792/AD7793
REV.PrF 6/04 | Page 17
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
0(0)
0(0)
0(0)
0(0)
IEXCDIR1(0)
IEXCDIR0(0)
IEXCEN1(0)
IEXCEN0(0)
Table 12 Filter Register Bit Designations
Bit Location
Bit Name
Description
IO7-IO4
0
These bits must be programmed with a Logic 0 for correct operation.
IO3-IO2
IEXCDIR1–
IEXCDIR0
Direction of Current Sources Select bits.
IEXCDIR1
IEXCDIR0
Current Source Direction
0
0
Current Source IEXC1 connected to pin IOUT1, Current Source IEXC2
connected to pin IOUT2
0
1
Current Source IEXC1 connected to pin IOUT2, Current Source IEXC2
connected to pin IOUT1
1
0
Both Current Sources connected to pin IOUT1. Permitted when the
current sources are set to 10 uA or 200 uA only.
1
1
Both Current Sources connected to pin IOUT2. Permitted when the
current sources are set to 10 uA or 200 uA only.
IO1-IO0
IEXCEN1–
IEXCEN0
Direction of Current Sources Select bits.
IEXCEN1
IEXCEN0
Current Source Value
0
0
Excitation Currents Disabled
0
1
10 uA
1
0
200 uA
1
1
1 mA
OFFSET REGISTER (RS2, RS1, RS0 = 1, 1, 0; POWER-ON/RESET = 0x8000(AD7792)/ 0x800000(AD7793))
Each analog input channel has a dedicated offset register that holds the offset calibration coefficient for the channel. This register is 16
bits wide on the AD7792 and 24 bits wide on the AD7793 and, its power-on/reset value is 8000(00) hex. The offset register is used in con-
junction with its associated full-scale register to form a register pair. The power-on-reset value is automatically overwritten if an internal
or system zero-scale calibration is initiated by the user. The offset register is a read/write register. However, the AD7792/AD7793 must be
in idle mode or power down mode when writing to the offset register.
FULL-SCALE REGISTER (RS2, RS1, RS0 = 1, 1, 1; POWER-ON/RESET = 0x5XX5(AD7792)/ 0x5XXXX5(AD7793))
The full-scale registers is a 16-bit register on the AD7792 and a 24-bit register on the AD7793. The full-scale register holds the full-scale
calibration coefficient for the ADC. The AD7792/AD7793 has 3 full-scale registers, each channel having a dedicated full-scale register.
The full-scale registers are read/write registers, However, when writing to the full-scale registers, the ADC must be placed in power
down mode or idle mode. These registers are configured on power-on with factory-calibrated internal full-scale calibration coefficients,
the factory calibration being performed with the gain set to 1 and using the internal reference. Therefore, every device will have different
default coefficients. These default values are used when the device is operated with a gain of 1 and when the internal reference is selected.
For other gains or when the external reference is used at a gain of 1, these default coefficients will be automatically overwritten if an
internal or system full-scale calibration is initiated by the user. A full-scale calibration should be performed when the gain is changed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com