Electronic Components Datasheet Search
  English  ▼

X  

AD7792 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7792
Description  Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7792 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7792 Datasheet HTML 8Page - Analog Devices AD7792 Datasheet HTML 9Page - Analog Devices AD7792 Datasheet HTML 10Page - Analog Devices AD7792 Datasheet HTML 11Page - Analog Devices AD7792 Datasheet HTML 12Page - Analog Devices AD7792 Datasheet HTML 13Page - Analog Devices AD7792 Datasheet HTML 14Page - Analog Devices AD7792 Datasheet HTML 15Page - Analog Devices AD7792 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
AD7792/AD7793
Preliminary Technical Data
REV.PrF 6/04 | Page 12
ON-CHIP REGISTERS
The ADC is controlled and configured via a number of on-chip registers, which are described on the following pages. In the following
descriptions, set implies a Logic 1 state and cleared implies a Logic 0 state, unless otherwise stated.
COMMUNICATIONS REGISTER (RS2, RS1, RS0 = 0, 0, 0)
The communications register is an 8-bit write-only register. All communications to the part must start with a write operation to the com-
munications register. The data written to the communications register determines whether the next operation is a read or write operation,
and to which register this operation takes place. For read or write operations, once the subsequent read or write operation to the selected
register is complete, the interface returns to where it expects a write operation to the communications register. This is the default state of
the interface and, on power-up or after a reset, the ADC is in this default state waiting for a write operation to the communications regis-
ter. In situations where the interface sequence is lost, a write operation of at least 32 serial clock cycles with DIN high returns the ADC to
this default state by resetting the entire part. Table 5 outlines the bit designations for the communications register. CR0 through CR7 indi-
cate the bit location, CR denoting the bits are in the communications register. CR7 denotes the first bit of the data stream. The number in
brackets indicates the power-on/reset default status of that bit.
CR7
CR6
CR5
CR4
CR3
CR2
CR1
CR0
WEN(0)
R/W(0)
RS2(0)
RS1(0)
RS0(0)
CREAD(0)
0(0)
0(0)
Table 5. Communications Register Bit Designations
Bit Location
Bit Name
Description
CR7
WEN
Write Enable Bit. A 0 must be written to this bit so that the write to the communications register actually
occurs. If a 1 is the first bit written, the part will not clock on to subsequent bits in the register. It will stay
at this bit location until a 0 is written to this bit. Once a 0 is written to the WEN bit, the next seven bits
will be loaded to the communications register.
CR6
R/W
A 0 in this bit location indicates that the next operation will be a write to a specified register. A 1 in this
position indicates that the next operation will be a read from the designated register.
CR5–CR3
RS2–RS0
Register Address Bits. These address bits are used to select which of the ADC’s registers are being
selected during this serial interface communication. See Table 6.
CR2
CREAD
Continuous Read of the Data Register. When this bit is set to 1 (and the data register is selected), the
serial interface is configured so that the data register can be continuously read, i.e., the contents of the
data register are placed on the DOUT pin automatically when the SCLK pulses are applied. The commu-
nications register does not have to be written to for data reads. To enable continuous read mode, the
instruction 01011100 must be written to the communications register. To exit the continuous read
mode, the instruction 01011000 must be written to the communications register while the RDY pin is
low. While in continuous read mode, the ADC monitors activity on the DIN line so that it can receive the
instruction to exit continuous read mode. Additionally, a reset will occur if 32 consecutive 1s are seen on
DIN. Therefore, DIN should be held low in continuous read mode until an instruction is to be written to
the device.
CR1–CR0
0
These bits must be programmed to logic 0 for correct operation.
Table 6. Register Selection
RS2
RS1
RS0
Register
Register Size
0
0
0
Communications Register during a Write Operation
8-Bit
0
0
0
Status Register during a Read Operation
8-Bit
0
0
1
Mode Register
16-Bit
0
1
0
Configuration Register
16-Bit
0
1
1
Data Register
16 / 24-Bit
1
0
0
ID Register
8-Bit
1
0
1
IO Register
8-Bit
1
1
0
Offset Register
16-Bit (AD7792)/24-Bit (AD7793)
1
1
1
Full-Scale Register
16-Bit (AD7792)/24-Bit (AD7793)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com