Electronic Components Datasheet Search
  English  ▼

X  

HMC8342LS6 Datasheet(PDF) 3 Page - Analog Devices

Part # HMC8342LS6
Description  GaAs MMIC 횞2 Active Frequency Multiplier, 22 GHz to 42 GHz Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8342LS6 Datasheet(HTML) 3 Page - Analog Devices

  HMC8342LS6 Datasheet HTML 1Page - Analog Devices HMC8342LS6 Datasheet HTML 2Page - Analog Devices HMC8342LS6 Datasheet HTML 3Page - Analog Devices HMC8342LS6 Datasheet HTML 4Page - Analog Devices HMC8342LS6 Datasheet HTML 5Page - Analog Devices HMC8342LS6 Datasheet HTML 6Page - Analog Devices HMC8342LS6 Datasheet HTML 7Page - Analog Devices HMC8342LS6 Datasheet HTML 8Page - Analog Devices HMC8342LS6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Data Sheet
HMC8342
Rev. A | Page 3 of 11
SPECIFICATIONS
VDDx = VDD1 = VDD2 = VDD3 = 5 V, VGG1 = −1.25 V, VGG2 = −0.8 V, GND = 0 V, dBm referred to 50 Ω, 5 dBm drive level, TA = TMAX to TMIN,
unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
FREQUENCY RANGE
Input
11
21
GHz
Output
22
42
GHz
OUTPUT POWER
4
14
dBm
RFIN = 11 GHz
10
15
dBm
RFIN = 16 GHz
2
10
dBm
RFIN = 21 GHz
ISOLATION
RFOUT = 30 GHz
Fundamental Input Frequency Isolation
−23
dBc
With respect to output level, measured at RF output
Input Frequency Third Harmonic Isolation
−20
dBc
With respect to output level, measured at RF output
RETURN LOSS
Input
−10
dB
Output
−13
dB
SUPPLY CURRENT
VDD1 Current (IDD1)
17
mA
VDD2 Current (IDD2)
55
mA
VDD3 Current (IDD3)
97
mA
VGG1 Current (IGG1)
−4.5
µA
VGG2 Current (IGG2)
−2.5
µA
RESIDUAL PHASE NOISE
100 kHz Offset
−138
dBc/Hz
RFIN = 12 GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com