Electronic Components Datasheet Search
  English  ▼

X  

HMC8342LS6 Datasheet(PDF) 1 Page - Analog Devices

Part # HMC8342LS6
Description  GaAs MMIC 횞2 Active Frequency Multiplier, 22 GHz to 42 GHz Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8342LS6 Datasheet(HTML) 1 Page - Analog Devices

  HMC8342LS6 Datasheet HTML 1Page - Analog Devices HMC8342LS6 Datasheet HTML 2Page - Analog Devices HMC8342LS6 Datasheet HTML 3Page - Analog Devices HMC8342LS6 Datasheet HTML 4Page - Analog Devices HMC8342LS6 Datasheet HTML 5Page - Analog Devices HMC8342LS6 Datasheet HTML 6Page - Analog Devices HMC8342LS6 Datasheet HTML 7Page - Analog Devices HMC8342LS6 Datasheet HTML 8Page - Analog Devices HMC8342LS6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
GaAs MMIC ×2 Active Frequency
Multiplier, 22 GHz to 42 GHz Output
Data Sheet
HMC8342
Rev. A
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2021 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
High output power: 15 dBm (typical) at RFIN = 16 GHz
Low input power drive: 5 dBm (typical)
Fundamental RF input isolation at RF output: −23 dBc at
RFOUT = 30 GHz
16-terminal, 6 mm × 6 mm LCC_HS package, 36 mm2
APPLICATIONS
Clock generation
Point to point and very small aperture terminal (VSAT)
radios
Test instrumentation
Military and space
FUNCTIONAL BLOCK DIAGRAM
PACKAGE
BASE
GND
×2
HMC8342
VGG2
VGG1
VDD3
VDD2
NIC
11
9
10
1
3
4
5
6
7
8
16
15
14
13
12
2
VDD1
Figure 1.
GENERAL DESCRIPTION
The HMC8342 is a gallium arsenide (GaAs), monolithic
microware integrated circuit (MMIC), ×2 active broadband
frequency multiplier. When driven by a 5 dBm signal, the
multiplier provides 15 dBm typical output power. The output
frequency range is from 22 GHz to 42 GHz, and the input
fundamental and third harmonic isolations measured at the
output are −23 dBc and −20 dBc, respectively, at an output
frequency of 30 GHz. The HMC8342 is ideal for use in LO
multiplier chains for point to point and VSAT radios, resulting
in a reduced parts count vs. traditional design approaches.
Table 1. Related Devices
Device No.
Description
HMC598
×2 active frequency multiplier, 22 GHz to 46 GHz
output, bare die


Similar Part No. - HMC8342LS6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC834LP6GE HITTITE-HMC834LP6GE Datasheet
3Mb / 61P
Fractional-N PLL with Integrated VCO
logo
Analog Devices
HMC834LP6GE AD-HMC834LP6GE Datasheet
2Mb / 61P
Fractional-N PLL with Integrated VCO
More results

Similar Description - HMC8342LS6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC579 HITTITE-HMC579 Datasheet
273Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B Datasheet
259Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC448 HITTITE-HMC448_06 Datasheet
323Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 19 - 25 GHz OUTPUT
HMC598 HITTITE-HMC598 Datasheet
234Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 22 - 46 GHz OUTPUT
HMC814 HITTITE-HMC814_09 Datasheet
243Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 13 - 24.6 GHz OUTPUT
HMC573LC3B HITTITE-HMC573LC3B_09 Datasheet
215Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 8 - 22 GHz OUTPUT
HMC578 HITTITE-HMC578_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 24 - 33 GHz OUTPUT
HMC579 HITTITE-HMC579_09 Datasheet
217Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 32 - 46 GHz OUTPUT
HMC598 HITTITE-HMC598_10 Datasheet
397Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 22 - 46 GHz OUTPUT
logo
Analog Devices
HMC598 AD-HMC598 Datasheet
355Kb / 6P
GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 22 - 46 GHz OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com