Electronic Components Datasheet Search
  English  ▼

X  

HMC8342LS6 Datasheet(PDF) 5 Page - Analog Devices

Part # HMC8342LS6
Description  GaAs MMIC 횞2 Active Frequency Multiplier, 22 GHz to 42 GHz Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8342LS6 Datasheet(HTML) 5 Page - Analog Devices

  HMC8342LS6 Datasheet HTML 1Page - Analog Devices HMC8342LS6 Datasheet HTML 2Page - Analog Devices HMC8342LS6 Datasheet HTML 3Page - Analog Devices HMC8342LS6 Datasheet HTML 4Page - Analog Devices HMC8342LS6 Datasheet HTML 5Page - Analog Devices HMC8342LS6 Datasheet HTML 6Page - Analog Devices HMC8342LS6 Datasheet HTML 7Page - Analog Devices HMC8342LS6 Datasheet HTML 8Page - Analog Devices HMC8342LS6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Data Sheet
HMC8342
Rev. A | Page 5 of 11
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NOTES
1. EXPOSED PAD. THE EXPOSED PAD OR GROUND PADDLE
ON THE BACKSIDE OF THE PACKAGE MUST BE TIED TO
RF OR DC GROUND FOR ELECTRICAL, MECHANICAL,
AND THERMAL REASONS.
HMC8342
VGG2
VGG1
VDD3
VDD2
NIC
11
9
10
1
3
4
5
6
7
8
16
15
14
13
12
2
VDD1
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1 to 3
VDD3, VDD2, VDD1
Power Supply Voltage. 5 V ± 5%. Place three parallel capacitors as close as possible to each of the VDD1,
VDD2, and VDD3 pins: 4.7 μF, 10 nF, and 100 pF.
4, 8, 10, 12, 16
NIC
Not Internally Connected. These pins can be connected to RF or dc ground without affecting the
performance.
5, 7, 13, 15
GND
Ground.
6
RFIN
RF Input. The RFIN pin is ac-coupled and matched to 50 Ω.
9, 11
VGG1, VGG2
Gate Control for Active Multiplier. Place three parallel capacitors as close as possible to each of the VGG1
and VGG2 pins: 4.7 μF, 10 nF, and 100 pF. VGG1 (−1.25 V ± 5%) and VGG2 (−0.8 V ± 5%) must be applied
before application of VDD1, VDD2, and VDD3. See the Applications Information section for more information.
14
RFOUT
RF Output. The RFOUT pin is ac-coupled and matched to 50 Ω.
EP
Exposed Pad. The exposed pad or ground paddle on the backside of the package must be tied to RF or
dc ground for electrical, mechanical, and thermal reasons.
INTERFACE SCHEMATICS
GND
Figure 3. GND Interface Schematic
GND
Figure 4. EP Interface Schematic
VDD1, VDD2, VDD3
Figure 5. VDDx Interface Schematic
RFIN
Figure 6. RFIN Interface Schematic
VGG1,
VGG2
Figure 7. VGGx Interface Schematic
RFOUT
Figure 8. RFOUT Interface Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com