Electronic Components Datasheet Search
  English  ▼

X  

HMC8342LS6 Datasheet(PDF) 4 Page - Analog Devices

Part # HMC8342LS6
Description  GaAs MMIC 횞2 Active Frequency Multiplier, 22 GHz to 42 GHz Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8342LS6 Datasheet(HTML) 4 Page - Analog Devices

  HMC8342LS6 Datasheet HTML 1Page - Analog Devices HMC8342LS6 Datasheet HTML 2Page - Analog Devices HMC8342LS6 Datasheet HTML 3Page - Analog Devices HMC8342LS6 Datasheet HTML 4Page - Analog Devices HMC8342LS6 Datasheet HTML 5Page - Analog Devices HMC8342LS6 Datasheet HTML 6Page - Analog Devices HMC8342LS6 Datasheet HTML 7Page - Analog Devices HMC8342LS6 Datasheet HTML 8Page - Analog Devices HMC8342LS6 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
HMC8342
Data Sheet
Rev. A | Page 4 of 11
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
RF Input (VDDx = 5 V)
10 dBm
Supply Voltage (VDD1 = VDD2 = VDD3)
6 V dc
Channel Temperature
175°C
Nominal Channel Temperature (T = 85°C)
175°C
Storage Temperature Range
−65°C to +150°C
Operating Temperature Range
−40°C to +85°C
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the
operational section of this specification is not implied.
Operation beyond the maximum operating conditions for
extended periods may affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type1
θJA
θJC
Unit
EH-16-1
41.9
17.1
°C/W
1
Thermal impedance simulated values are based on a JEDEC 2S2P test board.
Refer to JEDEC standard JESD51 for additional information.
ELECTROSTATIC DISCHARGE (ESD) RATINGS
The following ESD information is provided for handling of
ESD-sensitive devices in an ESD protected area only.
Human body model (HBM) per ANSI/ESDA/JEDEC JS-001.
Charged device model (CDM) per ANSI/ESDA/JEDEC JS-002.
ESD Ratings for HMC8342
Table 5. HMC8342, 16-Terminal LCC_HS
ESD Model
Withstand Threshold (V)
Class
HBM
±125
0B
CDM
±125
C0B
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com