Electronic Components Datasheet Search
  English  ▼

X  

HMC8342LS6 Datasheet(PDF) 7 Page - Analog Devices

Part # HMC8342LS6
Description  GaAs MMIC 횞2 Active Frequency Multiplier, 22 GHz to 42 GHz Output
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC8342LS6 Datasheet(HTML) 7 Page - Analog Devices

Back Button HMC8342LS6 Datasheet HTML 3Page - Analog Devices HMC8342LS6 Datasheet HTML 4Page - Analog Devices HMC8342LS6 Datasheet HTML 5Page - Analog Devices HMC8342LS6 Datasheet HTML 6Page - Analog Devices HMC8342LS6 Datasheet HTML 7Page - Analog Devices HMC8342LS6 Datasheet HTML 8Page - Analog Devices HMC8342LS6 Datasheet HTML 9Page - Analog Devices HMC8342LS6 Datasheet HTML 10Page - Analog Devices HMC8342LS6 Datasheet HTML 11Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Data Sheet
HMC8342
Rev. A | Page 7 of 11
FREQUENCY (GHz)
0
5.0
2.5
7.5
12.5
17.5
22.5
27.5
32.5
37.5
42.5
47.5
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
–40°C
+25°C
+85°C
–40
–35
–30
–25
–20
–15
–5
–10
0
Figure 15. Input Return Loss vs. Frequency at Various Temperatures
0
5.0
2.5
7.5
12.5
17.5
22.5
27.5
32.5
37.5
42.5
47.5
10.0
15.0
20.0
25.0
30.0
35.0
40.0
45.0
50.0
–40
–35
–30
–25
–20
–15
–5
–10
0
–40°C
+25°C
+85°C
FREQUENCY (GHz)
Figure 16. Output Return Loss vs. Frequency at Various Temperatures
0
130
140
150
160
170
180
190
1
2
3
4
5
6
7
8
9
10
–40°C
+25°C
+85°C
INPUT POWER (dBm)
Figure 17. Total Supply Current (IDD) vs. Input Power at Various Temperatures
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44
OUTPUT FREQUENCY (GHz)
25
23
21
19
17
15
13
11
9
7
5
–40°C
+25°C
+85°C
Figure 18. Supply Current (IDD1) vs. Output Frequency at Various
Temperatures, 5 dBm Drive Level
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44
OUTPUT FREQUENCY (GHz)
70
65
60
55
50
45
40
35
30
–40°C
+25°C
+85°C
Figure 19. Supply Current (IDD2) vs. Output Frequency at Various
Temperatures, 5 dBm Drive Level
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44
OUTPUT FREQUENCY (GHz)
–40°C
+25°C
+85°C
Figure 20. Supply Current (IDD3) vs. Output Frequency at Various
Temperatures, 5 dBm Drive Level



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com