Electronic Components Datasheet Search
  English  ▼

X  

MIC920 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC920
Description  80 MHz Low-Power SC70 Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC920 Datasheet(HTML) 4 Page - Microchip Technology

  MIC920 Datasheet HTML 1Page - Microchip Technology MIC920 Datasheet HTML 2Page - Microchip Technology MIC920 Datasheet HTML 3Page - Microchip Technology MIC920 Datasheet HTML 4Page - Microchip Technology MIC920 Datasheet HTML 5Page - Microchip Technology MIC920 Datasheet HTML 6Page - Microchip Technology MIC920 Datasheet HTML 7Page - Microchip Technology MIC920 Datasheet HTML 8Page - Microchip Technology MIC920 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ELECTRICAL CHARACTERISTICS
Electrical Characteristics: V+ = +9V, V– = –9V, VCM = 0V RL = 10 MΩ; TJ = 25°C, unless otherwise noted.
Parameters
Symbol
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
—
0.3
5
mV
–40°C ≤ TJ ≤ +85°C
Input Offset Voltage
Temperature
Coefficient
ΔVOS/ΔTA
—
1
—
μV/°C
–40°C ≤ TJ ≤ +85°C
Input Bias Current
IB
—
0.23
0.60
μA
–40°C ≤ TJ ≤ +85°C
Input Offset Current
IOS
—
0.04
0.3
μA
–40°C ≤ TJ ≤ +85°C
Input
Common-Mode
Range
VCM
–7.25
—
+7.25
V
CMRR > 75 dB, –40°C ≤ TJ ≤ +85°C
Common-Mode
Rejection Ratio
CMRR
60
91
—
dB
–6.5V < VCM < +6.5V
Power Supply
Rejection Ratio
PSRR
95
104
—
dB
±3.5V < VS < ±9V
Large-Signal
Voltage Gain
AVOL
75
84
—
dB
RL = 2k, VOUT = ±2V
—
93
—
dB
RL = 100Ω, VOUT = ±1V
Maximum Output
Voltage Swing
VOUT
6.5
7.5
—
V
Positive, RL = 2 kΩ,
–40°C ≤ TJ ≤ +85°C
—
–7.5
–6.2
V
Negative, RL = 2 kΩ
–40°C ≤ TJ ≤ +85°C
Unity
Gain-Bandwidth
Product
GBW
—
80
—
MHz
CL = 1.7 pF
Phase Margin
PM
—
30
—
°
—
–3 dB Bandwidth
BW
—
115
—
MHz
AV = 1, CL = 1.7 pF, RL = 1 kΩ
Slew Rate
SR
—
3000
—
V/μs
C = 1.7 pF, Gain = 1, VOUT = 5V, Peak
to Peak, Positive SR = 2500V/μs
Short-Circuit Output
Current
ISC
50
65
—
mA
Source
30
50
—
Sink
Supply Current
IS
—
0.55
0.8
mA
No load, –40°C ≤ TJ ≤ +85°C
Input Voltage Noise
—
—
10
—
nV/√Hz
f = 10 kHz
Input Current Noise
—
—
0.8
—
pA/√Hz
f = 10 kHz
MIC920
DS20006268A-page 4
 2019 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com