Electronic Components Datasheet Search
  English  ▼

X  

MIC920 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC920
Description  80 MHz Low-Power SC70 Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC920 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC920 Datasheet HTML 4Page - Microchip Technology MIC920 Datasheet HTML 5Page - Microchip Technology MIC920 Datasheet HTML 6Page - Microchip Technology MIC920 Datasheet HTML 7Page - Microchip Technology MIC920 Datasheet HTML 8Page - Microchip Technology MIC920 Datasheet HTML 9Page - Microchip Technology MIC920 Datasheet HTML 10Page - Microchip Technology MIC920 Datasheet HTML 11Page - Microchip Technology MIC920 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
-40 -20
0
20406080 100
TEMPERATURE (C)
9V
5V
MIC920
DS20006268A-page 8
 2019 Microchip Technology Inc.
FIGURE 2-13:
Bias Current vs.
Temperature.
-25
-20
-15
-10
-5
0
5
10
15
20
25
1E+6
10E+6
100E+6
200E+6
FREQUENCY (Hz)
Av = –1
R+ = R
I = 475
9.0V
2.5V
5.0V
100M
1M
10M
FIGURE 2-14:
Closed-Loop Frequency
Response.
-25
-20
-15
-10
-5
0
5
10
15
20
25
1E+6
10E+6
100E+6
200E+6
FREQUENCY (Hz)
Av = 2
R
F
= R
I = 475
9.0V
2.5V
5.0V
100M
1M
10M
FIGURE 2-15:
Closed-Loop Frequency
Response.
-50
-40
-30
-20
-10
0
10
20
30
40
50
1E+6
10E+6
100E+6
200E+6
FREQUENCY (Hz)
V = 5V
Av = 1
1M
100M
10M
1000pF
800pF
600pF
400pF 200pF
0
100pF
FIGURE 2-16:
Closed-Loop Gain vs.
Frequency.
-50
-40
-30
-20
-10
0
10
20
30
40
50
1E+6
1E+7
1E+8
2E+8
FREQUENCY (Hz)
V = 9V
Av = 1
1M
10M
100M
1000pF
800pF
600pF
100pF
200pF
400pF
1.7pF
FIGURE 2-17:
Closed-Loop Frequency
Response.
-50
-40
-30
-20
-10
0
10
20
30
40
50
1x106
10x106
100x106
200x106
FREQUENCY (Hz)
V = 5V
100M
10M
1M
1.7pF
50pF
121pF
471pF
200pF
1000pF
FIGURE 2-18:
Open-Loop Gain vs.
Frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com