Electronic Components Datasheet Search
  English  ▼

X  

MIC920 Datasheet(PDF) 10 Page - Microchip Technology

Part # MIC920
Description  80 MHz Low-Power SC70 Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC920 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MIC920 Datasheet HTML 6Page - Microchip Technology MIC920 Datasheet HTML 7Page - Microchip Technology MIC920 Datasheet HTML 8Page - Microchip Technology MIC920 Datasheet HTML 9Page - Microchip Technology MIC920 Datasheet HTML 10Page - Microchip Technology MIC920 Datasheet HTML 11Page - Microchip Technology MIC920 Datasheet HTML 12Page - Microchip Technology MIC920 Datasheet HTML 13Page - Microchip Technology MIC920 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
0
20
40
60
80
100
120
FREQUENCY (kHz)
V± = ±5V
0.1
1
10
100
1k
10k
MIC920
DS20006268A-page 10
 2019 Microchip Technology Inc.
FIGURE 2-25:
Positive PSRR vs.
Frequency.
0
20
40
60
80
100
120
FREQUENCY (kHz)
V± = ±5V
0.1
1
10
100
1k
10k
FIGURE 2-26:
Negative PSRR vs.
Frequency.
0
20
40
60
80
100
120
FREQUENCY (kHz)
V± = ±9V
0.1
1
10
100
1k
10k
FIGURE 2-27:
Positive PSRR vs.
Frequency
0
20
40
60
80
100
120
FREQUENCY (kHz)
V± = ±9V
0.1
1
10
100
1k
10k
FIGURE 2-28:
Negative PSRR vs.
Frequency
0
10
20
30
40
50
60
70
80
90
100
100x100 1x103
10x103 100x103 1x106
10x106
FREQUENCY (Hz)
V± = ±5V
100
1k
10k
100k
1M
10M
FIGURE 2-29:
Common-Mode Rejection
Ratio.
0
10
20
30
40
50
60
70
80
90
100
100x100 1x103
10x103 100x103 1x106
10x106
FREQUENCY (Hz)
V± = ±9V
100
1k
10k
100k
1M
10M
FIGURE 2-30:
Common-Mode Rejection
Ratio.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com