Electronic Components Datasheet Search
  English  ▼

X  

MIC920 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC920
Description  80 MHz Low-Power SC70 Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC920 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC920 Datasheet HTML 3Page - Microchip Technology MIC920 Datasheet HTML 4Page - Microchip Technology MIC920 Datasheet HTML 5Page - Microchip Technology MIC920 Datasheet HTML 6Page - Microchip Technology MIC920 Datasheet HTML 7Page - Microchip Technology MIC920 Datasheet HTML 8Page - Microchip Technology MIC920 Datasheet HTML 9Page - Microchip Technology MIC920 Datasheet HTML 10Page - Microchip Technology MIC920 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
40
44
48
52
56
60
64
68
72
76
80
84
2.0
3.4
4.8
6.2
7.6
9.0
SUPPLY VOLTAGE (V)
–40 C
85 C
25 C
 2019 Microchip Technology Inc.
DS20006268A-page 7
MIC920
FIGURE 2-7:
Short Circuit Current vs.
Supply Voltage (Sourcing).
50
47
44
41
38
35
32
29
26
23
20
17
2.0
3.4
4.8
6.2
7.6
9.0
SUPPLY VOLTAGE (V)
–40 C
85 C
25 C
FIGURE 2-8:
Short Circuit Current vs.
Supply Voltage (Sinking).
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OUTPUT CURRENT (mA)
–40 C
85 C
25 C
V = 5V
FIGURE 2-9:
Output Voltage vs. Output
Current (Sourcing).
-5.0
-4.5
-4.0
-3.5
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
OUTPUT CURRENT (mA)
25 C
85 C
–40 C
V = 5V
FIGURE 2-10:
Output Voltage vs. Output
Current (Sinking).
0
1
2
3
4
5
6
7
8
9
10
11
OUTPUT CURRENT (mA)
–40 C
85 C
25 C
V = 9V
FIGURE 2-11:
Output Voltage vs. Output
Current (Sourcing).
-10
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
1
OUTPUT CURRENT (mA)
–40 C
85 C
25 C
V = 9V
FIGURE 2-12:
Output Voltage vs. Output
Current (Sinking).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com