Electronic Components Datasheet Search
  English  ▼

X  

MIC920 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC920
Description  80 MHz Low-Power SC70 Op Amp
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC920 Datasheet(HTML) 1 Page - Microchip Technology

  MIC920 Datasheet HTML 1Page - Microchip Technology MIC920 Datasheet HTML 2Page - Microchip Technology MIC920 Datasheet HTML 3Page - Microchip Technology MIC920 Datasheet HTML 4Page - Microchip Technology MIC920 Datasheet HTML 5Page - Microchip Technology MIC920 Datasheet HTML 6Page - Microchip Technology MIC920 Datasheet HTML 7Page - Microchip Technology MIC920 Datasheet HTML 8Page - Microchip Technology MIC920 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
 2019 Microchip Technology Inc.
DS20006268A-page 1
MIC920
Features
• 80 MHz Gain Bandwidth Product
• 115 MHz –3dB Bandwidth
• 550 μA Supply Current (Typical)
• 5-Lead SC70 Package
• 3000V/μs Slew Rate (Typical)
• Drives Any Capacitive Load
• Unity Gain Stable
Applications
• Video
• Imaging
• Ultrasound
• Portable Equipment
• Line Drivers
General Description
The MIC920 is a high-speed operational amplifier with
a gain-bandwidth product of 80 MHz. The part is unity
gain stable. It has a very low 550 μA supply current,
and features the 5-Lead SC70 package.
Supply voltage range is from ±2.5V to ±9V, allowing the
MIC920 to be used in low voltage circuits or
applications requiring large dynamic range.
The MIC920 is stable driving any capacitative load and
achieves excellent PSRR and CMRR, making it much
easier to use than most conventional high-speed
devices. Low supply voltage, low power consumption,
and small packing make the MIC920 ideal for portable
equipment. The ability to drive capacitative loads also
makes it possible to drive long coaxial cables.
Package Type
Pin Configuration
Functional Pinout
OUT
V+
IN+
1
3
45
2
IN+
V–
OUT
IN–
1
3
45
2
V+
A37
Part
Identification
80 MHz Low-Power SC70 Op Amp


Similar Part No. - MIC920

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC920 MICREL-MIC920 Datasheet
161Kb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920BC5 MICREL-MIC920BC5 Datasheet
161Kb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920BC5 MICREL-MIC920BC5 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920BM5 MICREL-MIC920BM5 Datasheet
161Kb / 11P
80MHz Low-Power SC-70 Op Amp
MIC920BM5 MICREL-MIC920BM5 Datasheet
1Mb / 11P
80MHz Low-Power SC-70 Op Amp
More results

Similar Description - MIC920

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001 Datasheet
553Kb / 24P
1 MHz Bandwidth Low Power Op Amp
2003
logo
Analog Devices
AD8033 AD-AD8033 Datasheet
374Kb / 20P
Low Cost, 80 MHz FastFET ??Op Amps
9/08-Rev. C to Rev. D
logo
Micrel Semiconductor
MIC923 MICREL-MIC923 Datasheet
358Kb / 11P
410MHz Low-Power SC70 Op Amp
logo
Microchip Technology
MCP6001 MICROCHIP-MCP6001_05 Datasheet
470Kb / 28P
1 MHz, Low-Power Op Amp
2005
logo
Micrel Semiconductor
MIC923 MICREL-MIC923_06 Datasheet
1,007Kb / 11P
410MHz Low-Power SC70 Op Amp
logo
Analog Devices
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
Low Cost, 80 MHz FastFET Op Amps
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com