Electronic Components Datasheet Search
  English  ▼

X  

MIC7122 Datasheet(PDF) 19 Page - Microchip Technology

Part # MIC7122
Description  Rail-to-Rail Dual Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7122 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MIC7122 Datasheet HTML 14Page - Microchip Technology MIC7122 Datasheet HTML 15Page - Microchip Technology MIC7122 Datasheet HTML 16Page - Microchip Technology MIC7122 Datasheet HTML 17Page - Microchip Technology MIC7122 Datasheet HTML 18Page - Microchip Technology MIC7122 Datasheet HTML 19Page - Microchip Technology MIC7122 Datasheet HTML 20Page - Microchip Technology MIC7122 Datasheet HTML 21Page - Microchip Technology MIC7122 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006290A-page 19
MIC7122
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC7122YMM:
Rail-to-Rail Dual Op Amp,
–40°C to +85°C Temperature
Range, 8-Lead MSOP,
100/Tube
b) MIC7122YMM-TR:
Rail-to-Rail Dual Op Amp,
–40°C to +85°C Temperature
Range, 8-Lead MSOP,
2500/Reel
PART NO.
XX
Package
Device
Device:
MIC7122:
Rail-to-Rail Dual Op Amp
Temperature
Range:
Y
=
–40
C to +85C (Industrial)
Package:
MM
=
8-Pin MSOP
Media Type:
<blank>=
100/Tube
TR
=
2,500/Reel
X
Temperature
Range
-XX
Media
Type
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com