Electronic Components Datasheet Search
  English  ▼

X  

MIC7122 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC7122
Description  Rail-to-Rail Dual Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7122 Datasheet(HTML) 1 Page - Microchip Technology

  MIC7122 Datasheet HTML 1Page - Microchip Technology MIC7122 Datasheet HTML 2Page - Microchip Technology MIC7122 Datasheet HTML 3Page - Microchip Technology MIC7122 Datasheet HTML 4Page - Microchip Technology MIC7122 Datasheet HTML 5Page - Microchip Technology MIC7122 Datasheet HTML 6Page - Microchip Technology MIC7122 Datasheet HTML 7Page - Microchip Technology MIC7122 Datasheet HTML 8Page - Microchip Technology MIC7122 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006290A-page 1
MIC7122
Features
• Small Footprint MSOP-8 Package
• 350 μA Supply Current per Op Amp at 2.2V
Supply
• Guaranteed 2.2V, 5V, and 15V Performance
• 750 kHz Gain-Bandwidth Product at 2.2V Supply
• 0.01% Total Harmonic Distortion at 1 kHz (15V,
2 kΩ)
• Drives 200 pF at 5V and Greater Supply Voltages
Applications
• Battery-Powered Instrumentation
• PCMCIA, USB Peripherals
• Portable Computers and PDAs
General Description
The MIC7122 is a dual high-performance CMOS
operational amplifier featuring rail-to-rail inputs and
outputs.
The input common-mode range extends beyond the
rails by 300 mV, and the output voltage swings to within
150 μV of both rails when driving a 100 kΩ load.
The amplifiers operate from 2.2V to 15V and are fully
specified at 2.2V, 5V, and 15V. Gain bandwidth and
slew rate are 750 kHz and 0.7 V/μs, respectively at a
2.2V supply.
The MIC7122 is available in an 8-lead MSOP package.
Package Type
MIC7122
MSOP-8 (MM)
1
2
3
4
8
7
6
5
V+
OUTB
INB–
INB+
OUTA
INA–
INA+
V–
Pin Configuration
Functional Pinout
1
2
3
4
8
7
6
5
A
B
V+
OUTB
INB–
INB+
OUTA
INA–
INA+
V–
Rail-to-Rail Dual Op Amp


Similar Part No. - MIC7122

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
MIC7122BMM MICREL-MIC7122BMM Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
MIC7122BMM MICREL-MIC7122BMM Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
MIC7122YMM MICREL-MIC7122YMM Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
More results

Similar Description - MIC7122

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122 Datasheet
58Kb / 8P
Rail-to-Rail Dual Op Amp Preliminary Information
logo
AUK corp
S33201M AUK-S33201M Datasheet
369Kb / 6P
Rail to Rail Single OP AMP
logo
Silicon Standard Corp.
SS8012G SSC-SS8012G Datasheet
720Kb / 6P
Rail-to-Rail I/O Op. Amp.
logo
Micrel Semiconductor
MIC7122 MICREL-MIC7122_05 Datasheet
54Kb / 8P
Rail-to-Rail Dual Op Amp
logo
Intersil Corporation
ISL28190_0808 INTERSIL-ISL28190_0808 Datasheet
1Mb / 16P
Rail-to-Rail Output, Op Amp
August 11, 2008
logo
Analog Devices
AD8675 AD-AD8675_15 Datasheet
303Kb / 12P
Rail-to-Rail Output Op Amp
Rev. E
AD8676 AD-AD8676_15 Datasheet
343Kb / 12P
Dual Rail-to-Rail Output Op Amp
REV. C
logo
Linear Technology
LT6012 LINER-LT6012_15 Datasheet
380Kb / 20P
Rail-to-Rail Output Precision Op Amp
logo
Silicon Laboratories
TS1005 SILABS-TS1005 Datasheet
1Mb / 13P
RAIL-TO-RAIL SINGLE OP AMP
logo
KODENSHI_AUK CORP.
S33201M KODENSHI-S33201M Datasheet
231Kb / 6P
Rail to Rail Single OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com