Electronic Components Datasheet Search
  English  ▼

X  

MIC7122 Datasheet(PDF) 4 Page - Microchip Technology

Part # MIC7122
Description  Rail-to-Rail Dual Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7122 Datasheet(HTML) 4 Page - Microchip Technology

  MIC7122 Datasheet HTML 1Page - Microchip Technology MIC7122 Datasheet HTML 2Page - Microchip Technology MIC7122 Datasheet HTML 3Page - Microchip Technology MIC7122 Datasheet HTML 4Page - Microchip Technology MIC7122 Datasheet HTML 5Page - Microchip Technology MIC7122 Datasheet HTML 6Page - Microchip Technology MIC7122 Datasheet HTML 7Page - Microchip Technology MIC7122 Datasheet HTML 8Page - Microchip Technology MIC7122 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
AC ELECTRICAL CHARACTERISTICS (2.2V)
VV+ = +2.2V, VV– = 0V, VCM = VOUT = VV+/2; RL = 1 MΩ; TJ = +25°C; Note 1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Slew Rate
SR
—
0.7
—
V/μs
—
Gain-Bandwidth Product
GBWP
—
750
—
kHz
—
Phase Margin
ϕm
—
80
—
°
CL = 0 pF
—
40
—
CL = 200 pF
Gain Margin
GM
—
10
—
dB
—
Interamplifier Isolation
—
—
90
—
dB
Note 2
Note 1: All limits guaranteed by testing or statistical analysis.
2: Referenced to input.
MIC7122
DS20006290A-page 4
 2020 Microchip Technology Inc.
DC ELECTRICAL CHARACTERISTICS (5V)
VV+ = +5.0V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2; RL = 1 MΩ; TJ = +25°C; Note 1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Input Offset Voltage
VOS
—
0.5
9
mV
—
Input Offset Voltage Average
Drift
TCVOS
—
3.0
—
μV/°C
—
Input Bias Current
IB
—
1.0
10
pA
—
—
64
500
–40°C ≤ TJ ≤ +85°C
Input Offset Current
IOS
—
0.5
5
pA
—
—
32
250
–40°C ≤ TJ ≤ +85°C
Input Resistance
RIN
—
>1
—
TΩ
—
Common-Mode Rejection
Ratio
CMRR
55
75
—
dB
–0.3V ≤ VCM ≤ 5.3V, Note 2
Power Supply Rejection Ratio
PSRR
55
100
—
dB
VV+ = |VV–| = 2.5V to 7.5V,
VOUT = VCM = 0
Common-Mode Input
Capacitance
CIN
—
3
—
pF
—
Note 1: All limits guaranteed by testing or statistical analysis.
2: CMRR is determined as follows: The maximum ΔVOS over the VCM range is divided by the magnitude of
the VCM range. The measurement points are: VCM = VV– – 0.3V, (VV+ – VV–)/2, and VV+ + 0.3V.
3: Continuous short circuit may exceed absolute maximum TJ under some conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com