Electronic Components Datasheet Search
  English  ▼

X  

MIC7122 Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC7122
Description  Rail-to-Rail Dual Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7122 Datasheet(HTML) 5 Page - Microchip Technology

  MIC7122 Datasheet HTML 1Page - Microchip Technology MIC7122 Datasheet HTML 2Page - Microchip Technology MIC7122 Datasheet HTML 3Page - Microchip Technology MIC7122 Datasheet HTML 4Page - Microchip Technology MIC7122 Datasheet HTML 5Page - Microchip Technology MIC7122 Datasheet HTML 6Page - Microchip Technology MIC7122 Datasheet HTML 7Page - Microchip Technology MIC7122 Datasheet HTML 8Page - Microchip Technology MIC7122 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2020 Microchip Technology Inc.
DS20006290A-page 5
MIC7122
Output Swing
VO
—
0.3
1.0
mV
Output high, RL = 100 kΩ, specified
as VV+ – VOUT
—
—
1.5
Output high, RL = 100 kΩ, specified
as VV+ – VOUT, –40°C ≤ TJ ≤ +85°C
—
0.3
1.0
Output low, RL = 100 kΩ
—
—
1.5
Output low, RL = 100 kΩ
–40°C ≤ TJ ≤ +85°C
—
13
50
Output high, RL = 2 kΩ, specified as
VV+ – VOUT
—
—
75
Output high, RL = 2 kΩ, specified as
VV+ – VOUT, –40°C ≤ TJ ≤ +85°C
—
13
50
Output low, RL = 2 kΩ
—
—
75
Output low, RL = 2 kΩ
–40°C ≤ TJ ≤ +85°C
—
40
165
Output high, RL = 600Ω, specified
as VV+ – VOUT
—
—
250
Output high, RL = 600Ω, specified
as VV+ – VOUT, –40°C ≤ TJ ≤ +85°C
—
40
165
Output low, RL = 600Ω
—
—
250
Output low, RL = 600Ω
–40°C ≤ TJ ≤ +85°C
Output Short-Circuit Current
ISC
40
140
—
mA
Sinking or sourcing, Note 3
Supply Current
IS
—
0.8
1.8
mA
Both amplifiers
DC ELECTRICAL CHARACTERISTICS (5V) (CONTINUED)
VV+ = +5.0V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2; RL = 1 MΩ; TJ = +25°C; Note 1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: All limits guaranteed by testing or statistical analysis.
2: CMRR is determined as follows: The maximum ΔVOS over the VCM range is divided by the magnitude of
the VCM range. The measurement points are: VCM = VV– – 0.3V, (VV+ – VV–)/2, and VV+ + 0.3V.
3: Continuous short circuit may exceed absolute maximum TJ under some conditions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com