Electronic Components Datasheet Search
  English  ▼

X  

MIC7122 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC7122
Description  Rail-to-Rail Dual Op Amp
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC7122 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC7122 Datasheet HTML 4Page - Microchip Technology MIC7122 Datasheet HTML 5Page - Microchip Technology MIC7122 Datasheet HTML 6Page - Microchip Technology MIC7122 Datasheet HTML 7Page - Microchip Technology MIC7122 Datasheet HTML 8Page - Microchip Technology MIC7122 Datasheet HTML 9Page - Microchip Technology MIC7122 Datasheet HTML 10Page - Microchip Technology MIC7122 Datasheet HTML 11Page - Microchip Technology MIC7122 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
AC ELECTRICAL CHARACTERISTICS (15V)
VV+ = +15V, VV– = 0V, VCM = 1.5V, VOUT = VV+/2; RL = 1 MΩ; TJ = +25°C; Note 1.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Total Harmonic Distortion
THD
—
0.01
—
%
f = 1 kHz, AV = –2, RL =
2 kΩ, VOUT = 8.5VPP
Slew Rate
SR
—
0.5
—
V/μs
V+ = 15V, Note 2
Gain-Bandwidth Product
GBWP
—
420
—
kHz
—
Phase Margin
ϕm
—
85
—
°
CL = 0 pF
—
40
—
CL = 200 pF
Gain Margin
GM
—
10
—
dB
—
Input-Referred Voltage Noise
en
—
37
—
nV/√Hz f = 1 kHz, VCM = 1V
Input-Referred Current Noise
in
—
1.5
—
fA/√Hz f = 1 kHz
Interamplifier Isolation
—
—
90
—
dB
Note 3
Note 1: All limits guaranteed by testing or statistical analysis.
2: Device connected as a voltage follower with a 10V step input. The value is the positive or negative slew
rate, whichever is slower.
3: Referenced to input.
MIC7122
DS20006290A-page 8
 2020 Microchip Technology Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com