Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCAE4A Datasheet(PDF) 31 Page - NXP Semiconductors

Part # PIMXRT406LCAE4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCAE4A Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button PIMXRT406LCAE4A Datasheet HTML 27Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 28Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 29Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 30Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 31Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 32Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 33Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 34Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 71 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
NXP Semiconductors
31
4.3.3.1
Single voltage GPIO output buffer impedance
Table 23 shows the GPIO output buffer impedance (NVCC_XXXX 1.8 V).
Table 24 shows the GPIO output buffer impedance (NVCC_XXXX 3.3 V).
4.4
System modules
This section contains the timing and electrical parameters for the modules in the i.MX RT1015 processor.
4.4.1
Reset timings parameters
Figure 7 shows the reset timing and Table 25 lists the timing parameters.
Figure 7. Reset timing diagram
Table 23. GPIO output buffer average impedance (NVCC_XXXX 1.8 V)
Parameter
Symbol
Drive strength (DSE)
Typ value
Unit
Output Driver
Impedance
Rdrv
001
010
011
100
101
110
111
260
130
88
65
52
43
37
Table 24. GPIO Output buffer average impedance (NVCC_XXXX 3.3 V)
Parameter
Symbol
Drive strength (DSE)
Typ value
Unit
Output Driver
Impedance
Rdrv
001
010
011
100
101
110
111
157
78
53
39
32
26
23
Table 25. Reset timing parameters
ID
Parameter
Min Max
Unit
CC1
Duration of POR_B to be qualified as valid.
1
—
RTC_XTALI cycle
POR_B
CC1
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com