Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCAE4A Datasheet(PDF) 65 Page - NXP Semiconductors

Part # PIMXRT406LCAE4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCAE4A Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button PIMXRT406LCAE4A Datasheet HTML 61Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 62Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 63Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 64Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 65Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 66Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 67Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 68Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 71 page
background image
Package information and contact assignments
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
NXP Semiconductors
65
GPIO_SD_B1_03
16
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[23]
Input
Keeper
GPIO_SD_B1_04
15
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[24]
Input
Keeper
GPIO_SD_B1_05
14
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[25]
Input
Keeper
GPIO_SD_B1_06
13
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[26]
Input
Keeper
GPIO_SD_B1_07
12
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[27]
Input
Keeper
GPIO_SD_B1_08
11
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[28]
Input
Keeper
GPIO_SD_B1_09
10
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[29]
Input
Keeper
GPIO_SD_B1_10
9
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[30]
Input
Keeper
GPIO_SD_B1_11
8
NVCC_GPIO
Digital
GPIO
ALT5
GPIO3.IO[31]
Input
Keeper
ONOFF
30
VDD_SNVS_IN
Digital
GPIO
ALT0
src.RESET_B
Input
100 K PU
PMIC_ON_REQ
33
VDD_SNVS_IN
Digital
GPIO
ALT0
snvs_lp.PMIC_ON_REQ
Input
100 K PU
POR_B
31
VDD_SNVS_IN
Digital
GPIO
ALT0
src.POR_B
Output
100 K PU
RTC_XTALI
36
—
—
—
—
—
—
RTC_XTALO
37
—
—
—
—
—
—
TEST_MODE
32
VDD_SNVS_IN
Digital
GPIO
ALT0
tcu.TEST_MODE
Input
100 K PD
USB_OTG1_CHD_B
45
—
—
—
—
—
—
USB_OTG1_DN
41
—
—
—
—
—
—
USB_OTG1_DP
42
—
—
—
—
—
—
USB_OTG1_VBUS
38
—
—
—
—
—
—
XTALI
46
—
—
—
—
—
—
XTALO
47
—
—
—
—
—
—
1 This pin output is in a high level until the system reset is complete.
Table 59. 14 x 14 mm functional contact assignments (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com