Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCAE4A Datasheet(PDF) 45 Page - NXP Semiconductors

Part # PIMXRT406LCAE4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCAE4A Datasheet(HTML) 45 Page - NXP Semiconductors

Back Button PIMXRT406LCAE4A Datasheet HTML 41Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 42Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 43Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 44Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 45Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 46Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 47Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 48Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 49Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 71 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
NXP Semiconductors
45
Figure 26. SPDIF_ST_CLK timing diagram
4.7
Analog
The following sections provide information about analog interfaces.
4.7.1
DCDC
Table 42 introduces the DCDC electrical specification.
4.7.2
A/D converter
This section introduces information about A/D converter.
Table 42. DCDC electrical specifications
Mode
Buck mode only, one output
Notes
Input voltage
3.3 V
± 10%
Output voltage
1.1 V
Configurable 0.8 ~ 1.575 with 25 mV one step
Max loading
500 mA
—
Loading in low power modes
200
A ~ 30 mA
—
Efficiency
90% max
@150 mA
Low power mode
Open loop mode
Ripple is about 15 mV
Run mode
• Always continuous mode
• Support discontinuous mode
Configurable by register
Inductor
4.7
H—
Capacitor
33
F—
Over voltage protection
1.6 V
Detect VDDSOC, when the voltage is higher
than 1.6 V, shutdown DCDC.
Over Current protection
1 A
Detect the peak current
• Run mode: when the current is larger than
1 A, shutdown DCDC.
• Stop mode: when the current is larger than
250 mA, stop charging the inductor.
Low battery detection
2.6 V
Detect the battery, when battery is lower than
2.6 V, shutdown DCDC.
SPDIF_ST_CLK
(Input)
VM
VM
stclkp
stclkph
stclkpl



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com