Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCAE4A Datasheet(PDF) 41 Page - NXP Semiconductors

Part # PIMXRT406LCAE4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCAE4A Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button PIMXRT406LCAE4A Datasheet HTML 37Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 38Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 39Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 40Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 41Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 42Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 43Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 44Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 71 page
background image
Electrical characteristics
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
NXP Semiconductors
41
NOTE
T
CSS and TCSH are configured by the FlexSPIn_FLSHAxCR1
register, the default values are shown above. Please refer to the i.MX
RT1015 Reference Manual (IMXRT1015RM) for more details.
Figure 21. FlexSPI output timing in SDR mode
4.5.1.1.2
DDR mode
NOTE
T
CSS and TCSH are configured by the FlexSPIn_FLSHAxCR1
register, the default values are shown above. Please refer to the i.MX
RT1015 Reference Manual (IMXRT1015RM) for more details.
TCSS
Chip select output setup time
3 x TCK -1
—
ns
TCSH
Chip select output hold time
3 x TCK + 2
—
ns
1
The actual maximum frequency supported is limited by the FlexSPIn_MCR0[RXCLKSRC] configuration used. Please refer to the FlexSPI SDR input timing
specifications.
Table 38. FlexSPI output timing in DDR mode
Symbol
Parameter
Min
Max
Unit
—
Frequency of operation1
1
The actual maximum frequency supported is limited by the FlexSPIn_MCR0[RXCLKSRC] configuration used. Please refer to the FlexSPI SDR input timing
specifications.
—166
MHz
Tck
SCK clock period (FlexSPIn_MCR0[RXCLKSRC] = 0x0)
6.0
—
ns
TDVO
Output data valid time
—
2.2
ns
TDHO
Output data hold time
0.8
—
ns
TCSS
Chip select output setup time
3 x TCK / 2 - 0.7
—
ns
TCSH
Chip select output hold time
3 x TCK / 2 + 0.8
—
ns
Table 37. FlexSPI output timing in SDR mode (continued)
Symbol
Parameter
Min
Max
Unit
T CSS
T CK
TCSH
TDVO
TDHO
TDVO
TDHO
SCK
CS
SIO[0:7]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com