Electronic Components Datasheet Search
  English  ▼

X  

PIMXRT406LCAE4A Datasheet(PDF) 54 Page - NXP Semiconductors

Part # PIMXRT406LCAE4A
Description  i.MX RT1015 Crossover Processors Data Sheet for Consumer Products
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PIMXRT406LCAE4A Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button PIMXRT406LCAE4A Datasheet HTML 50Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 51Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 52Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 53Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 54Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 55Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 56Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 57Page - NXP Semiconductors PIMXRT406LCAE4A Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 71 page
background image
i.MX RT1015 Crossover Processors Data Sheet for Consumer Products, Rev. 2, 03/2021
54
NXP Semiconductors
Electrical characteristics
Figure 34. LPSPI Slave mode timing (CPHA = 1)
4.8.2
LPI2C module timing parameters
This section describes the timing parameters of the LPI2C module.
4.8.2.1
Bus operation condition for 3.3 V and 1.8 V signaling
Signaling level of SD/eMMC4.3 and eMMC4.4/4.41 modes is 3.3 V. Signaling level of SDR104/SDR50
mode is 1.8 V. The DC parameters for the NVCC_SD1 supply are identical to those shown in Table 20,
"Single voltage GPIO DC parameters," on page 26.
4.8.3
LPUART electrical specifications
Please refer to Section 4.3.2.1, General purpose I/O AC parameters.
Table 47. LPI2C module timing parameters
Symbol
Description
Min
Max
Unit
Notes
fSCL
SCL clock frequency
Standard mode (Sm)
0
100
kHz
1, 2
1 Hs-mode is only supported in slave mode.
2 See General switching specifications.
Fast mode (Fm)
0
400
Fast mode Plus (Fm+)
0
1000
Ultra Fast mode (UFm)
0
5000
High speed mode (Hs-mode)
0
3400
2
6
7
MSB IN
BIT 6 . . . 1
MSB OUT
SLAVE LSB OUT
5
5
10
3
4
SLAVE
8
9
see
note
(INPUT)
(CPOL=0)
SCK
SCK
(CPOL=1)
PCS
(INPUT)
(INPUT)
SOUT
(INPUT)
SIN
(OUTPUT)
11
LSB IN
BIT 6 . . . 1
NOTE: Not defined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com