Electronic Components Datasheet Search
  English  ▼

X  

V103 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # V103
Description  TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V103 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button V103 Datasheet HTML 3Page - Integrated Circuit Systems V103 Datasheet HTML 4Page - Integrated Circuit Systems V103 Datasheet HTML 5Page - Integrated Circuit Systems V103 Datasheet HTML 6Page - Integrated Circuit Systems V103 Datasheet HTML 7Page - Integrated Circuit Systems V103 Datasheet HTML 8Page - Integrated Circuit Systems V103 Datasheet HTML 9Page - Integrated Circuit Systems V103 Datasheet HTML 10Page - Integrated Circuit Systems V103 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103
V103 Datasheet
11
11/23/06
Revision 2.0
Integrated Circuit Systems • 525 Race St reet, S an Jose, CA 95126 • tel (408) 297-1201 • ww w. icst. com
Package Outline and Package Dimensions (64-pin TQFP)
Package dimensions are kept current with JEDEC Publication No. 95, variation ACD.
Ordering Information
The “LF” part number suffix denotes the device as Lead (Pb) Free and that the device is RoHS compliant.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
V103YLF
V103YLF
Tray (160 units per tray)
64-pin TQFP
0 to +70
° C
V103YLFT
V103YLF
Tape and Reel
64-pin TQFP
0 to +70
° C
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no
responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other
circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as
those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without
additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant
any ICS product for use in life support devices or critical medical instruments.
SYMBOL
MIN/MAX
N64
A-- / 1.20
A1
0.05 / 0.15
A2
0.95 / 1.05
b
0.17 / 0.27
c
0.09 / 0.20
D
12.00 BASIC
D1
10.00 BASIC
D2
7.50 Ref.
E
12.00 BASIC
E1
10.00 BASIC
E2
7.50 Ref.
e
0.50 BASIC
L
0.45 / 0.75
θ
0° / 7°
ccc
-- / 0.08
D3&E3
-
ALL DIMENSIONS ARE IN MILLIMETERS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com