Electronic Components Datasheet Search
  English  ▼

X  

V103 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # V103
Description  TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V103 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  V103 Datasheet HTML 1Page - Integrated Circuit Systems V103 Datasheet HTML 2Page - Integrated Circuit Systems V103 Datasheet HTML 3Page - Integrated Circuit Systems V103 Datasheet HTML 4Page - Integrated Circuit Systems V103 Datasheet HTML 5Page - Integrated Circuit Systems V103 Datasheet HTML 6Page - Integrated Circuit Systems V103 Datasheet HTML 7Page - Integrated Circuit Systems V103 Datasheet HTML 8Page - Integrated Circuit Systems V103 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103
V103 Datasheet
5
11/23/06
Revision 2.0
Integrated Circuit Systems • 525 Race St reet, S an Jose, CA 95126 • tel (408) 297-1201 • ww w. icst. com
DC Electrical Characteristics
VDD=3.3 V ±10%, Ambient temperature 0 to +70
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
CMOS/TTL Inputs, Standard Configuration
Input High Voltage
VIH
RS=VCC or GND
2.00
VCC
V
Input Low Voltage
VIL
RS=VCC or GND
GND
0.80
V
Input Current
IINC
0V<VIN<VCC
±10
µA
CMOS/TTL Inputs, Small Input Swing Configuration
Max Input Swing Voltage
VDDQ
1
VREF = VRS = VDDQ/2
1.2
2.8
V
Input Reference Voltage into pin RS
VREF
VDDQ/2
V
High Level Input Voltage
(for small input swing condition)
VSH
2
VREF=VDDQ/2
VDDQ/2
+0.1V
V
Low Level Input Voltage
(for small input swing condition)
VSL
2
VREF=VDDQ/2
VDDQ/2
-0.1V
V
Note 1: VDDQ voltage defines the max voltage of the small swing input and is not an actual input into the device.
Note 2: Small input swing voltage is applied to TA[6:0], TB[6:0], TC[6:0], TD[6:0], TE[6:0], and CLKIN.
LVDS Transmitter DC Specifications
Differential Output Voltage,
RL = 100Ω
VOD
Normal swing
RS = VCC
250
350
450
mV
Reduced swing
RS = GND
100
200
300
mV
Change in VOD Between Complimentary
Output States
DVOD
RL = 100
Ω
35
mV
Common Mode Voltage
VOC
1.125
1.250
1.375
V
Change in VOC Between Complimentary
Output States
DVOC
35
mV
Output Short Circuit Current
IOS
VOUT = 0V, RL = 100Ω
-24
mA
Output Tri-State Current
IOZ
/PWDN = 0V,
VOUT = 0V to VCC
±10
µA
Supply Current
Transmitter Supply Current
ITCCG
RL = 100Ω, CL=5 pF,
VCC = 3.3 V, RS = VCC
Gray Scale Pattern
f = 85 MHz
58
64
mA
f =135 MHz
70
76
mA
RL = 100Ω, CL=5 pF,
VCC = 3.3 V, RS = GND
Gray Scale Pattern
f = 85 MHz
44
50
mA
f =135 MHz
56
62
mA
Transmitter Supply Current
ITCCW
RL = 100Ω, CL = 5 pF,
VCC = 3.3 V, RS = VCC
Worst Case Pattern
f = 85 MHz
69
75
mA
f =135 MHz
87
93
mA
RL = 100Ω, CL= 5 pF,
VCC = 3.3 V, RS = GND
Worst Case Pattern
f = 85 MHz
55
61
mA
f =135 MHz
73
79
mA
Transmitter Power Down Supply Current
ITCCS
/PWDN = L
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com