Electronic Components Datasheet Search
  English  ▼

X  

V103 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # V103
Description  TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V103 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  V103 Datasheet HTML 1Page - Integrated Circuit Systems V103 Datasheet HTML 2Page - Integrated Circuit Systems V103 Datasheet HTML 3Page - Integrated Circuit Systems V103 Datasheet HTML 4Page - Integrated Circuit Systems V103 Datasheet HTML 5Page - Integrated Circuit Systems V103 Datasheet HTML 6Page - Integrated Circuit Systems V103 Datasheet HTML 7Page - Integrated Circuit Systems V103 Datasheet HTML 8Page - Integrated Circuit Systems V103 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
V103
V103 Datasheet
3
11/23/06
Revision 2.0
Integrated Circuit Systems • 525 Race St reet, S an Jose, CA 95126 • tel (408) 297-1201 • ww w. icst. com
Pin Descriptions
RS Input Voltage Configuration to set LVDS Output Swing and Data Input Swing
Note 1: Refer to DC Electrical Characteristics.
Pin
Number
Pin
Name
Pin Type
Pin Description
30, 31
TA+, TA-
LVDS OUT
LVDS Serial Data Output Pairs
28, 29
TB+, TB-
24, 25
TC+, TC-
20, 21
TD+, TD-
18, 19
TE+, TE-
22, 23
TCLK+, TCLK-
LVDS OUT
LVDS Reference Clock Output Pair
33, 34, 35, 36,
37, 38, 40
TA0 ~ TA6
IN
CMOS/TTL (or small signal) Data Bit Inputs
41, 42, 44, 45,
46, 48, 49
TB0 ~ TB6
50, 52, 53, 54,
55, 57, 58
TC0 ~ TC6
59, 61, 62, 63,
64, 1, 3
TD0 ~ TD6
4, 5, 6, 8, 9, 11,
16
TE0 ~ TE6
13
/PWDN
IN
High: Normal device operation
Low: Power down; all outputs become high impedance
43
RS
IN
Voltage level on this pin sets LVDS output swing voltage and data input
swing voltage; refer to the table at the bottom of this page.
60
R/F
IN
Input Clock triggering edge select. High: Rising edge; Low: Falling edge.
51, 7
VCC
Power
Power supply pins for TTL inputs and digital circuitry.
12
CLKIN
IN
Clock Input.
2, 10, 39, 47,
56
GND
Ground
Ground pins for TTL inputs and digital circuitry.
27
LVDSVCC
Power
Power supply pins for LVDS outputs.
17, 26, 32
LVDSGND
Ground
Ground pins for LVDS outputs.
15
PLLVCC
Power
Power supply pin for PLL circuitry.
14
PLLGND
Ground
Ground pin for PLL circuitry.
RS Input Voltage
LVDS Output Swing
CMOS/TTL Input Configuration (Input Voltage Swing)
VCC
350 mV
Standard Configuration1
0.6 ~ 1.4 V (VREF1)
350 mV
Small Input Swing Configuration1
GND
200 mV
Standard Configuration1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com