Electronic Components Datasheet Search
  English  ▼

X  

V103 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # V103
Description  TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

V103 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  V103 Datasheet HTML 1Page - Integrated Circuit Systems V103 Datasheet HTML 2Page - Integrated Circuit Systems V103 Datasheet HTML 3Page - Integrated Circuit Systems V103 Datasheet HTML 4Page - Integrated Circuit Systems V103 Datasheet HTML 5Page - Integrated Circuit Systems V103 Datasheet HTML 6Page - Integrated Circuit Systems V103 Datasheet HTML 7Page - Integrated Circuit Systems V103 Datasheet HTML 8Page - Integrated Circuit Systems V103 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
V103
V103 Datasheet
1
11/23/06
Revision 2.0
Integrated Circuit Systems • 525 Race St reet, S an Jose, CA 95126 • tel (408) 297-1201 • ww w. icst. com
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
General Description
The V103 LVDS display interface transmitter is
primarily designed to support pixel data transmission
between a video processing engine and a digital video
display. The data rate supports up to SXGA+
resolutions and can be used in Plasma, Rear Projector,
Front Projector, CRT and LCD display applications. It
can also be used in other high-bandwidth parallel data
applications and provides a low EMI interconnect over
a low cost, low bus width cable up to several meters in
length.
The V103 converts 35 bits of CMOS/TTL data, clocked
on the rising or falling edge of an input clock
(selectable), into six LVDS (Low Voltage Differential
Signaling) serial data stream pairs. In video
applications the 35 bits is normally divided into 10 bits
for each R, G and B channel and 5 control bits.
When combined with the V104 LVDS display interface
receiver, the V103 + V104 combination provides a
35-bit wide, 90 MHz transport. The rate of each LVDS
channel is 630 Mbps for a 90MHz data input clock, 945
Mbps for 135MHz.
Features
• Pin compatible with THine THC63LVD103
• Wide pixel clock range: 8 - 135 MHz
• Supports a wide range of video and graphics modes
including VGA, SVGA, XGA, SXGA, SXGA+, NTSC,
PAL, SDTV, and HDTV up to 1080I or 720P
• Internal PLL requires no external loop filter
• Selectable rising or falling clock edge for data
alignment
• Compatible with Spread Spectrum clock source
• Reduced LVDS output voltage swing mode
(selectable) to minimize EMI
• CMOS/TTL data inputs can be configured for
reduced input voltage swing
• Single 3.3 V supply
• Low power consumption CMOS design
• Power down mode
• 64-pin TQFP lead free package
Block Diagram
TA+
Parallel
to Serial
TA0-6
TA-
TB+
TB-
TC+
TC-
TD+
TD-
TE+
TE-
PLL
TB0-6
TC0-6
TE0-6
CLKIN
(8 to 135 MHz)
/PWDN
TD0-6
RS
R/F
7
7
7
7
7
TCLK+
TCLK-


Similar Part No. - V103

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Integrated Circuit Syst...
V103AYLF ICST-V103AYLF Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Renesas Technology Corp
V103AYLF RENESAS-V103AYLF Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
logo
Integrated Circuit Syst...
V103AYLFT ICST-V103AYLFT Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
More results

Similar Description - V103

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
V385 ICST-V385 Datasheet
158Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
Revision 1.6
V104 ICST-V104 Datasheet
205Kb / 11P
10 BIT LVDS RECEIVER FOR VIDEO
Revision 1.6
V386 ICST-V386 Datasheet
243Kb / 10P
8-BIT LVDS RECEIVER FOR VIDEO
Revision 2.0
V385A ICST-V385A Datasheet
139Kb / 8P
8-BIT LVDS TRANSMITTER FOR VIDEO
V103A ICST-V103A Datasheet
148Kb / 11P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
logo
Faraday Technology
PI-005 FARADAY-PI-005 Datasheet
50Kb / 3P
10 BIT VIDEO TO FIBRE OPTIC TRANSMITTER
logo
Integrated Device Techn...
IDTV105ADAG IDT-IDTV105ADAG Datasheet
324Kb / 19P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
logo
Renesas Technology Corp
IDTV105A RENESAS-IDTV105A Datasheet
498Kb / 20P
DUAL-CHANNEL,TRIPLE 10-BIT LVDS TRANSMITTER
2019
V103A RENESAS-V103A Datasheet
391Kb / 12P
TRIPLE 10-BIT LVDS TRANSMITTER FOR VIDEO
11/18/05
V385A RENESAS-V385A Datasheet
413Kb / 9P
8-BIT LVDS TRANSMITTER FOR VIDEO
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com