Electronic Components Datasheet Search
  English  ▼

X  

LTC5576 Datasheet(PDF) 8 Page - Analog Devices

Part # LTC5576
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5576 Datasheet(HTML) 8 Page - Analog Devices

Back Button LTC5576 Datasheet HTML 4Page - Analog Devices LTC5576 Datasheet HTML 5Page - Analog Devices LTC5576 Datasheet HTML 6Page - Analog Devices LTC5576 Datasheet HTML 7Page - Analog Devices LTC5576 Datasheet HTML 8Page - Analog Devices LTC5576 Datasheet HTML 9Page - Analog Devices LTC5576 Datasheet HTML 10Page - Analog Devices LTC5576 Datasheet HTML 11Page - Analog Devices LTC5576 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
LTC5556
8
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Test circuit shown in Figure 1.
PRF = –6dBm/Tone, ∆f = 2MHz, PLO = 0dBm, VCC = 3.3V, VDD = 3.3V, TC = 25°C, full power mode, unless otherwise noted.
2.6GHz to 6.4GHz RF Input Matching: IF = 270MHz, Low Side LO
3.6GHz Conv Gain, IIP3, and SSB NF
vs IF Attenuation (0.5dB Steps)
4.6GHz Conv Gain, IIP3, and SSB NF
vs IF Attenuation (0.5dB Steps)
5.5GHz Conv Gain, IIP3, and SSB
NF vs IF Attenuation (0.5dB Steps)
3.6GHz RF Input and IF Output P1dB
vs IF Attenuation
4.6GHz RF Input and IF Output P1dB
vs IF Attenuation
5.5GHz RF Input and IF Output P1dB
vs IF Attenuation
3.6GHz Conv Gain, IIP3 and SSB NF
vs LO Power and Case Temperature
4.6GHz Conv Gain, IIP3 and SSB NF
vs LO Power and Case Temperature
5.5GHz Conv Gain, IIP3 and SSB NF
vs LO Power and Case Temperature
IIP3
NF
GC
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
–9
–6
–3
0
3
6
9
12
15
18
21
24
27
5556 G10
IIP3
NF
GC
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
–9
–6
–3
0
3
6
9
12
15
18
21
24
27
5556 G11
IIP3
NF
GC
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
–9
–6
–3
0
3
6
9
12
15
18
21
24
5556 G12
IFOUT P1dB
RFIN P1dB
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
3
5
7
9
11
13
15
17
5556 G13
IFOUT P1dB
RFIN P1dB
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
17
5556 G14
IFOUT P1dB
RFIN P1dB
FULL PWR
RED. PWR
IF ATTENUATION (dB)
0
2
4
6
8
10
12
14
16
1
3
5
7
9
11
13
15
17
5556 G15
IIP3
NF
GC
3dB IF ATTEN
–40°C
25°C
85°C
LO INPUT POWER (dBm)
–6
–4
–2
0
2
4
6
5
7
9
11
13
15
17
19
21
23
25
5556 G16
IIP3
NF
GC
3dB IF ATTEN
–40°C
25°C
85°C
LO INPUT POWER (dBm)
–6
–4
–2
0
2
4
6
5
7
9
11
13
15
17
19
21
23
25
5556 G17
IIP3
NF
GC
3dB IF ATTEN
–40°C
25°C
85°C
LO INPUT POWER (dBm)
–6
–4
–2
0
2
4
6
5
7
9
11
13
15
17
19
21
23
25
5556 G18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com