Electronic Components Datasheet Search
  English  ▼

X  

LTC5576 Datasheet(PDF) 23 Page - Analog Devices

Part # LTC5576
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5576 Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC5576 Datasheet HTML 18Page - Analog Devices LTC5576 Datasheet HTML 19Page - Analog Devices LTC5576 Datasheet HTML 20Page - Analog Devices LTC5576 Datasheet HTML 21Page - Analog Devices LTC5576 Datasheet HTML 22Page - Analog Devices LTC5576 Datasheet HTML 23Page - Analog Devices LTC5576 Datasheet HTML 24Page - Analog Devices LTC5576 Datasheet HTML 25Page - Analog Devices LTC5576 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTC5556
23
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Figure 16. Test Circuit and Measured Conversion Gain Using 200Ω Output Matching with a 4:1 IF Transformer to
Realize a 50Ω Single-Ended IF Output
RF to IF Conv Gain vs IF Frequency
200Ω Output with 4:1 Balun
5556 F16a
½ LTC5556
680nH
VCC
680nH
MO1+
MO1–
AI1–
AI1+
LO
IF1+
IF1–
RF1
RF1
(50)
IF1
(50)
1nF
1nF
18nH
18nH
680nH
10nH
10nH
VCC
680nH
10nF
10nF
T1
4:1
1pF
IF
Single-Ended IF Outputs Using a Balun
The LTC5556 evaluation board has differential IF outputs,
but can be modified for single-ended operation by insert-
ing a 4:1 balun, as shown in Figure 16. The 10nH series
inductors at the differential IF output compensate for the
IF amplifier’s output capacitance, producing a 200Ω dif-
ferential output up to approximately 500MHz. The 4:1
balun then converts the 200Ω differential output to 50Ω
single-ended. For applications with IF frequency less than
250MHz, the series 10nH inductors are not needed.
Figure 16 shows the measured conversion gain vs IF out-
put frequency, using a Mini-Circuits TCM4-19+ balun. The
RF input was swept from 3.35GHz to 3.85GHz using a
fixed 3.33GHz LO, producing an IF output ranging from
20MHz to 520MHz. Measured conversion gain for the
standard 100Ω differential output matching is also shown
on the same graph for comparison, highlighting the inser-
tion loss of the balun.
0dB
3dB
6dB
9dB
12dB
15dB
RF = 3.35GHz to 3.85GHz
LO = 3.33GHz
200Ω OUT WITH 4:1 BALUN
100Ω DIFF OUT
IF OUTPUT FREQUENCY (MHz)
20 70 120 170 220 270 320 370 420 470 520
–12
–9
–6
–3
0
3
6
9
12
5556 F16b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com