Electronic Components Datasheet Search
  English  ▼

X  

LTC5576 Datasheet(PDF) 1 Page - Analog Devices

Part # LTC5576
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5576 Datasheet(HTML) 1 Page - Analog Devices

  LTC5576 Datasheet HTML 1Page - Analog Devices LTC5576 Datasheet HTML 2Page - Analog Devices LTC5576 Datasheet HTML 3Page - Analog Devices LTC5576 Datasheet HTML 4Page - Analog Devices LTC5576 Datasheet HTML 5Page - Analog Devices LTC5576 Datasheet HTML 6Page - Analog Devices LTC5576 Datasheet HTML 7Page - Analog Devices LTC5576 Datasheet HTML 8Page - Analog Devices LTC5576 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
LTC5556
1
Rev 0
For more information www.analog.com
Document Feedback
TYPICAL APPLICATION
FEATURES
DESCRIPTION
1.5GHz to 7GHz Dual
Programmable Gain
Downconverting Mixer
The LTC®5556 dual programmable gain downconvert-
ing mixer is ideal for diversity and MIMO receivers that
require precise gain setting. Each channel incorporates
an active mixer and a digital IF VGA with 15.5dB gain
control range. The IF gain of each channel is programmed
in 0.5dB steps through the SPI.
Enable pins for each channel allow fast turn-on and shut-
down. A reduced power mode is also available.
The device has the same functionality as the LTC5566,
but the mixers are optimized for a higher 3GHz to 7GHz
RF frequency range and the IF is optimized for use up to
900MHz. The mixers may be used down to 1.5GHz, or up
to 8GHz with degraded performance.
Dual Programmable Gain Downconverting Mixers
PART NUMBER
OPTIMUM RF RANGE
IF RANGE
LTC5556
3GHz to 7GHz
1MHz to 900MHz
LTC5566
300MHz to 4.5GHz
1MHz to 500MHz
Dual Channel MIMO Receiver with Programmable 0.5dB Gain Steps
LTC5556 Conversion Gain vs
RF Frequency and IF Attenuation
(0.5dB Gain Steps)
APPLICATIONS
n
4G and 5G MIMO Receivers
n
5.1GHz to 5.9GHz LTE-U
n
Distributed Antenna Systems (DAS)
n
Network Test/Monitoring Equipment
n
Fixed Satellite Services
All registered trademarks and trademarks are the property of their respective owners.
n
9dB Power Conversion Gain
n
32dBm Output IP3
n
15.5dB Range IF DVGA in 0.5dB Steps
n
IF Frequency Range Up to 900MHz
n
Reduced Power Mode
n
3.3V Single Supply
n
Simple SPI for Fast Development
n
–40°C to 105°C Operation (TC)
n
Very Small Solution Size
n
32-Lead (5mm × 5mm) QFN Package
SDI
LTC5556
LPF
3.3V
3.3V
3.3V
3.3V
BPF
BPF
5556 TA01a
IF1–
IF1+
IF1
LO
LO
LTC6430
IF2+
IF2–
IF2
LTC6430
LNA
LNA
CSB
RF1
RF2
CLK
SDO
SPI
BPF
BPF
LO
LO+
LO–
IF = 270MHz
LOW SIDE LO
RF INPUT FREQUENCY (GHz)
2 2.5 3 3.5 4 4.5 5 5.5 6 6.5 7
–10
–8
–6
–4
–2
0
2
4
6
8
10
5556 TA01b


Similar Part No. - LTC5576

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC5576 LINER-LTC5576 Datasheet
173Kb / 4P
3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576 Datasheet
511Kb / 24P
3GHz to 8GHz High Linearity Active Upconverting Mixer
LTC5576 LINER-LTC5576_15 Datasheet
511Kb / 24P
3GHz to 8GHz High Linearity Active Upconverting Mixer
More results

Similar Description - LTC5576

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1100 IDT-F1100 Datasheet
956Kb / 17P
RF to IF Dual Downconverting Mixer
F1102NBGI IDT-F1102NBGI Datasheet
4Mb / 26P
RF to IF Dual Downconverting Mixer
F1150NBGI IDT-F1150NBGI Datasheet
1Mb / 26P
RF to IF Dual Downconverting Mixer
F1152NBGI IDT-F1152NBGI Datasheet
1Mb / 20P
RF to IF Dual Downconverting Mixer
IDTF1178NBGI IDT-IDTF1178NBGI Datasheet
4Mb / 21P
RF to IF Dual Downconverting Mixer
logo
Linear Technology
LTC5566 LINER-LTC5566 Datasheet
656Kb / 28P
300MHz to 6GHz Dual Programmable Gain Downconverting Mixer
logo
Analog Devices
LTC5555 AD-LTC5555 Datasheet
3Mb / 26P
1.5GHz to 7GHz Programmable Gain Downconverting Mixer
logo
Renesas Technology Corp
F1100 RENESAS-F1100 Datasheet
1Mb / 18P
RF to IF Dual Downconverting Mixer
F1192B RENESAS-F1192B Datasheet
1Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer
F1192 RENESAS-F1192 Datasheet
2Mb / 36P
RF Dual Wideband Gain-Settable Downconverting Mixer 400MHz to 3800MHz
2/22/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com