Electronic Components Datasheet Search
  English  ▼

X  

LTC5576 Datasheet(PDF) 17 Page - Analog Devices

Part # LTC5576
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5576 Datasheet(HTML) 17 Page - Analog Devices

Back Button LTC5576 Datasheet HTML 13Page - Analog Devices LTC5576 Datasheet HTML 14Page - Analog Devices LTC5576 Datasheet HTML 15Page - Analog Devices LTC5576 Datasheet HTML 16Page - Analog Devices LTC5576 Datasheet HTML 17Page - Analog Devices LTC5576 Datasheet HTML 18Page - Analog Devices LTC5576 Datasheet HTML 19Page - Analog Devices LTC5576 Datasheet HTML 20Page - Analog Devices LTC5576 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
LTC5556
17
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
The standard evaluation board is built with 100Ω dif-
ferential IF outputs, but also has pads which allow the
use of IF transformers to provide 50Ω single-ended out-
puts. To implement this, it is recommended to use the
200Ω matching shown in Table 1 and 4:1 IF transform-
ers. Figure 16 shows the circuit schematic and measured
performance using this approach.
Table 1. IF Output Matching Element Values
DIFFERENTIAL
ZOUT
C3
L15, L17
9dB RETURN LOSS
BANDWIDTH
200Ω*
—
10nH
23MHz to 440MHz
100Ω
3.9pF
47nH
70MHz to 242MHz
2.2pF
33nH
87MHz to 352MHz
1.2pF
20nH
115MHz to 495MHz
0.6pF
16nH
155MHz to 610MHz
—
12nH
190MHz to 810MHz
*200Ω differential output return loss measured with 4:1 transformer.
The differential IF output impedance vs frequency is listed
in Table 2. The impedances are at the package pins with
no external components. Measured IF output return loss
vs frequency is shown in Figure 8.
Figure 8. IF Output Return Loss (100Ω Differential)
Table 2. Differential IF Output Impedance vs Frequency
IF FREQUENCY (MHz)
DIFFERENTIAL IMPEDANCE (RIF || CIF)
10
210 || 1.10pF
50
209 || 1.09pF
100
209 || 1.04pF
150
208 || 0.97pF
200
207 || 0.94pF
300
206 || 0.92pF
400
203 || 0.93pF
500
200 || 0.91pF
600
196 || 0.91pF
700
192 || 0.91pF
800
186 || 0.91pF
900
179 || 0.90pF
1000
172 || 0.89pF
Mixer Output to IF DVGA Interface
The mixer’s 200Ω differential output impedance matches
the IF DVGA’s 200Ω differential input impedance, even
over normal process variation due to the monolithic imple-
mentation. This assures minimal and repeatable DNL and
INL over the full IF attenuation range. Furthermore, the
mixer output and DVGA input include integrated matched
capacitors, which simplify the realization of a lowpass
filter between the mixer and DVGA. This filter attenuates
undesired high frequency mixing products and LO leakage
before entering the DVGA.
A simplified schematic of the interface for channel 1 is
shown in Figure 9 (channel 2 is identical and not shown).
L5 and L7 connect the mixer output to the DVGA input,
while forming a 1GHz 3rd-order, 0.2dB ripple Chebyshev
lowpass filter. L1 and L3 supply DC current to the mixer
and C5 and C7 are DC-blocking capacitors.
3.9p/47n
2.2p/33n
1.2p/20n
0.6p/16n
0p/12n
IF FREQUENCY (MHz)
50 150 250 350 450 550 650 750 850 950
–30
–27
–24
–21
–18
–15
–12
–9
–6
–3
0
5556 F08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com