Electronic Components Datasheet Search
  English  ▼

X  

LTC5576 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC5576
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC5576 Datasheet(HTML) 3 Page - Analog Devices

  LTC5576 Datasheet HTML 1Page - Analog Devices LTC5576 Datasheet HTML 2Page - Analog Devices LTC5576 Datasheet HTML 3Page - Analog Devices LTC5576 Datasheet HTML 4Page - Analog Devices LTC5576 Datasheet HTML 5Page - Analog Devices LTC5576 Datasheet HTML 6Page - Analog Devices LTC5576 Datasheet HTML 7Page - Analog Devices LTC5576 Datasheet HTML 8Page - Analog Devices LTC5576 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
LTC5556
3
Rev 0
For more information www.analog.com
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = VDD = 3.3V. Test circuit shown in Figure 1. (Notes 3, 6)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SPI Port Logic Inputs (CSB, CLK, SDI)
Input High Voltage
l
0.7 • VDD
V
Input Low Voltage
l
0.3 • VDD
V
Input Current
VIN = VDD = 3.6V
25
µA
Input Hysteresis
200
mV
SPI Port Logic Output (SDO)
Output High Voltage
ISOURCE = 3mA
l
VDD – 0.4V
V
Output Low Voltage
ISINK = 3mA
l
0.4
V
Output Leakage Current
VCSB = VDD = 3.6V
±20
µA
SPI Port Timing
SDI Setup Time
5
ns
SDI Hold Time
10
ns
CLK Falling to SDO Valid Time
CSDO = 20pF
15
ns
SDO Rise/Fall Time
CSDO = 20pF
5
ns
SDO Enable Time
10
ns
SDO Disable Time
10
ns
CSB Setup Time
15
ns
CSB Hold Time
5
ns
CLK Frequency
CSDO = 20pF
20
MHz
AC ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = 3.3V, EN1, EN2 = High, PLO = 0dBm. Test circuit shown in Figure 1.
(Notes 3, 4, 5)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency Range
External Matching Required
l
1.5 to 7
GHz
LO Input Frequency Range
l
0.5 to 8
GHz
IF Output Frequency Range
External Matching Required
l
1 to 900
MHz
1dB IF Gain Rolloff
Wideband IF Match
700
MHz
IF Gain Error at 270MHz
Differential; Between Any Two 0.5dB Atten Steps
Integral; Over Entire 15.5dB IF Atten Range
±0.04
0.3
dB
dB
IF Phase Error
IF = 250MHz, Full 15.5dB Atten Range
IF = 500MHz, Full 15.5dB Atten Range
3.6
5.1
Deg
Deg
LO Input Return Loss
Single-Ended, ZO = 50Ω, 500MHz to 8GHz
>9
dB
LO Input Power
Single-Ended or Differential
l
–6
0
6
dBm
Mixer IF Output Impedance
Differential, 10MHz to 1GHz
200Ω || 1pF
R || C
IF DVGA Input Impedance
Differential, 10MHz to 1GHz
200Ω || 1pF
R || C
IF DVGA Output Impedance
Differential, 10MHz to 1GHz
206Ω || 1pF
R || C
RF to LO Isolation
RF = 1.5GHz to 1.7GHz
RF = 1.7GHz to 7GHz
>38
>43
dB
dB
RF to Unbalanced IF Port Isolation
RF = 1.5GHz to 1.8GHz
RF = 1.8GHz to 7GHz
>39
>46
dB
dB
LO to Unbalanced IF Port Leakage
LO = 500MHz to 3GHz
LO = 3GHz to 8GHz
<–30
<–40
dBm
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com