Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 6 Page - Analog Devices

Part # LTC6948
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 6 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 2Page - Analog Devices LTC6948 Datasheet HTML 3Page - Analog Devices LTC6948 Datasheet HTML 4Page - Analog Devices LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LTC5556
6
Rev 0
For more information www.analog.com
AC ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TC = 25°C. VCC = VDD = 3.3V, EN1, EN2 = High, PRF = –6dBm/Tone, PLO = 0dBm,
unless otherwise noted. Test circuit shown in Figure 1. (Notes 3, 4, 5)
2.2GHz to 3.2GHz RF Input Matching (See Figure 1): RF = 2.6GHz, IF = 270MHz, Low Side LO
PARAMETER
CONDITIONS
FULL PWR
REDUCED PWR
UNITS
MIN
TYP
MAX
TYP
RF Input Return Loss
ZO = 50Ω, 2.2GHz to 3.2GHz
>10
>10
LO to RF Leakage
LO = 1.4GHz to 3.8GHz
<–50
<–50
Power Conversion Gain
0dB IF ATTEN
6dB IF ATTEN
12dB IF ATTEN
9.2
3.1
–2.9
8.7
2.6
–3.4
dB
dB
dB
Conversion Gain Flatness
RF = 2.6GHz ±100MHz, LO = 2.33GHz
±0.14
±0.14
dB
Conversion Gain vs Temperature
TC = –40°C to 105ºC
l
–0.012
–0.012
dB/°C
Two-Tone Input 3rd Order Intercept
(ΔfRF = 2MHz)
0dB IF ATTEN
6dB IF ATTEN
12dB IF ATTEN
26.6
24.5
24.0
19.2
20.4
20.7
dBm
dBm
dBm
Two-Tone Input 2nd Order Intercept
(ΔfRF = 271MHz = fIM2)
0dB to 15.5dB IF ATTEN
59
51
dBm
SSB Noise Figure
0dB IF ATTEN
6dB IF ATTEN
12dB IF ATTEN
13.4
16.5
20.9
12.7
16.2
21.2
dB
dB
dB
Input 1dB Compression
0dB IF ATTEN
3dB IF ATTEN
6dB IF ATTEN
9dB IF ATTEN and Higher
9.3
11.4
12.3
12.5
8.2
10.3
10.9
11.0
dBm
dBm
dBm
dBm
Channel-to-Channel Isolation
RF = 2.6GHz
43
43
dB
1.5GHz to 2.1GHz RF Input Matching (See Figure 1): RF = 1.8GHz, IF = 270MHz, Low Side LO
PARAMETER
CONDITIONS
FULL PWR
REDUCED PWR
UNITS
MIN
TYP
MAX
TYP
RF Input Return Loss
ZO = 50Ω, 1.5GHz to 2.1GHz
>10
>10
dB
LO to RF Leakage
LO = 500MHz to 3GHz
<–55
≤–55
dBm
Power Conversion Gain
0dB IF ATTEN
6dB IF ATTEN
12dB IF ATTEN
8.7
2.6
–3.4
8.3
2.2
–3.8
dB
dB
dB
SSB Noise Figure
0dB IF ATTEN
6dB IF ATTEN
12dB IF ATTEN
12.6
16.1
21.0
12.1
16.0
21.2
dB
dB
dB
Two-Tone Input 3rd Order Intercept
(ΔfRF = 2MHz)
0dB IF ATTEN
6dB IF ATTEN
12dB IF ATTEN
22.6
24.0
24.4
19.8
20.9
21.3
dBm
dBm
dBm
Channel-to-Channel Isolation
RF = 1.8GHz
46
46
dB
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The mixer output pins on this device are sensitive to ESD greater
than 1kV (HBM). Proper ESD handling precautions must be observed. All
other pins withstand 2kV.
Note 3: The LTC5556 is guaranteed functional over the –40°C to 105°C
case temperature range.
Note 4: SSB Noise Figure measured with a small-signal noise source,
bandpass filter and 2dB matching pad on RF input, and bandpass filter on
the LO input.
Note 5: Channel-to-channel isolation is defined as the relative IF output
power of channel 2 to channel 1, with the RF input signal applied to RF1
while the RF2 input is 50Ω terminated. Both channels are enabled and
programmed for 3dB IF attenuation.
Note 6: SPI timing guaranteed by design, not subject to test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com