Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC6948
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 5Page - Analog Devices LTC6948 Datasheet HTML 6Page - Analog Devices LTC6948 Datasheet HTML 7Page - Analog Devices LTC6948 Datasheet HTML 8Page - Analog Devices LTC6948 Datasheet HTML 9Page - Analog Devices LTC6948 Datasheet HTML 10Page - Analog Devices LTC6948 Datasheet HTML 11Page - Analog Devices LTC6948 Datasheet HTML 12Page - Analog Devices LTC6948 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC5556
9
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS Test circuit shown in Figure 1.
PRF = –6dBm/Tone, ∆f = 2MHz, PLO = 0dBm, VCC = 3.3V, VDD = 3.3V, TC = 25°C, full power mode, unless otherwise noted.
2.6GHz to 6.4GHz RF Input Matching: IF = 270MHz, Low Side LO
2-Tone IF Output Power, IM3 and
IM5 vs RF Input Power
Single-Tone IF Output Power, 2 × 2
and 3 × 3 Spurs vs RF Input Power
2 × 2 and 3 × 3 Spur Suppression
vs LO Power
VCC Supply Current vs Supply
Voltage (Both Channels Enabled)
VCC Shutdown Current vs Supply
Voltage (Both Channels Disabled)
3.6GHz Conversion Gain
Distribution
3.6GHz IIP3 Distribution
3.6GHz SSB NF Distribution
IM5
IM3
IFOUT
RF1 = 3599MHz
RF2 = 3601MHz
LO = 3330MHz
6dB IF ATTEN
RF INPUT POWER (dBm/TONE)
–12 –10 –8 –6 –4 –2
0
2
4
6
–80
–70
–60
–50
–40
–30
–20
–10
0
10
5556 G19
3RF – 3LO
(RF = 3420MHz)
2RF – 2LO
(RF = 3465MHz)
IFOUT
LO = 3330MHz
6dB IF ATTEN
RF INPUT POWER (dBm)
–15 –12 –9 –6 –3
0
3
6
9
12
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
20
5556 G20
3RF – 3LO
(RF = 3420MHz)
2RF – 2LO
(RF = 3465MHz)
PRF = –6dBm
LO = 3330MHz
6dB IF ATTEN
LO INPUT POWER (dBm)
–6
–4
–2
0
2
4
6
–75
–70
–65
–60
–55
–50
5556 G21
–40°C
–10°C
25°C
55°C
85°C
105°C
FULL
PWR
RED.
PWR
VCC SUPPLY VOLTAGE (V)
3
3.1
3.2
3.3
3.4
3.5
3.6
250
275
300
325
350
375
400
425
450
475
500
5556 G22
–40°C
–10°C
25°C
55°C
85°C
105°C
VCC SUPPLY VOLTAGE (V)
3
3.1
3.2
3.3
3.4
3.5
3.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
5556 G23
3dB IF ATTEN
FULL PWR MODE
85°C
25°C
–40°C
CONVERSION GAIN (dB)
5 5.2 5.4 5.6 5.8 6 6.2 6.4 6.6 6.8 7
0
5
10
15
20
25
30
35
40
45
50
5556 G24
3dB IF ATTEN
FULL PWR MODE
85°C
25°C
–40°C
IIP3 (dBm)
20.6
21.6
22.6
23.6
24.6
25.6
0
5
10
15
20
25
30
35
5556 G25
3dB IF ATTEN
FULL PWR MODE
85°C
25°C
–40°C
SSB NF (dB)
13 13.5 14 14.5 15 15.5 16 16.5 17
0
5
10
15
20
25
30
35
40
45
50
55
5556 G26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com