Electronic Components Datasheet Search
  English  ▼

X  

LTC6948 Datasheet(PDF) 20 Page - Analog Devices

Part # LTC6948
Description  1.5GHz to 7GHz Dual Programmable Gain Downconverting Mixer
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6948 Datasheet(HTML) 20 Page - Analog Devices

Back Button LTC6948 Datasheet HTML 16Page - Analog Devices LTC6948 Datasheet HTML 17Page - Analog Devices LTC6948 Datasheet HTML 18Page - Analog Devices LTC6948 Datasheet HTML 19Page - Analog Devices LTC6948 Datasheet HTML 20Page - Analog Devices LTC6948 Datasheet HTML 21Page - Analog Devices LTC6948 Datasheet HTML 22Page - Analog Devices LTC6948 Datasheet HTML 23Page - Analog Devices LTC6948 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LTC5556
20
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
Enable Inputs
Figure 13 shows a schematic of the Channel 1 enable
interface. Channel 2 is identical and not shown. As shown,
the positive ESD diodes for EN1 are connected to VCC1.
The positive ESD diodes for channel 2 are connected to
VCC2 (not shown). To enable a channel, the applied volt-
age must be greater than 1.4V. An applied voltage less
than 0.5V will disable the channel. If the enable function
is not needed, the enable pin can be connected directly to
the adjacent VCC pin. If left floating, the internal 330kΩ
pull-down resistor will disable the channel.
The voltage on the enable pins should never exceed VCC
by more than 0.3V, otherwise supply current may be
sourced through the upper ESD diodes. Under no cir-
cumstances should voltage be applied to the enable pins
before supply voltage is applied to the VCC pins. If this
occurs, damage to the IC may result.
SPI DESCRIPTION
IF DVGA attenuator control and reduced power mode for
each downconverter channel is programmed through the
3-wire SPI consisting of CSB, CLK and SDI. A fourth pin,
SDO, is a serial output available to read out the contents
of the registers. The SDO pin may also be used to daisy-
chain multiple SPI interfaces on a single bus. For exam-
ple, in an 8-channel MIMO receiver application, all four
LTC5556 dual downconverters can be programmed with
a single, 64-bit load, while sharing a common CSB line.
A block diagram of the SPI is shown in Figure 14. As
shown, it is a 16-bit double-buffered FIFO slave architec-
ture, with 8-bits for each channel. Logic levels for the digi-
tal inputs and SDO output are 1.8V to 3.3V CMOS com-
patible, determined by the supply voltage on the VDD pin.
An internal POR (power-on-reset) connected to the VDD
pin, resets all 16 bits to logic 0 at power-up, or when VDD
drops below 0.5V and then rises back above 1.2V. The
POR requires approximately 100μs to reset the registers.
SPI PROGRAMMING
Data transfers to the part are accomplished by first tak-
ing CSB low to enable the port. Then, serial input data
on SDI is captured on the rising edge of CLK and shifted
into a 16-bit shift register, MSB first. Serial data from the
registers is driven out to SDO on the clock’s falling edge.
The communication burst is terminated by taking CSB
high. The rising edge on CSB will then latch the shift-
register’s contents into a 16-bit buffer D-latch. The buffer
latch prevents the downconverter’s gain and power mode
from changing while data is loaded. See Figure 15 for
timing details.
When CSB is high, the clock and data inputs are inter-
nally gated off, minimizing current consumption when not
selected, and the SDO output is high impedance. However,
it is recommended that the serial interface signals should
remain idle between data transfers to avoid digital noise
coupling into the RF signal paths.
Supply Voltage Ramping
Fast ramping of the supply can cause a current glitch in
the internal ESD protection circuits. Depending on the
supply inductance, this could result in a supply voltage
transient that exceeds the maximum rating. A supply volt-
age ramp time greater than 1ms is recommended.
Supply voltage for VCC1, VCC2 (Pins 29 and 21) and the
IF amplifiers (Pins 17, 18, 23 and 24) are connected on
the evaluation board, which assures that they all ramp up
and down at the same rate. If they are powered indepen-
dently in the final application circuit, care must be taken
to assure that the IF amplifier supply pins go high before
the VCC pins, and go low after the VCC pins.
Figure 13. Channel 1 Enable Pin Interface
5556 F13
VCC1
EN1
250
330k
29
28
CH 1
BIAS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com