Electronic Components Datasheet Search
  English  ▼

X  

DS75 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DS75
Description  Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DS75 Datasheet HTML 3Page - Maxim Integrated Products DS75 Datasheet HTML 4Page - Maxim Integrated Products DS75 Datasheet HTML 5Page - Maxim Integrated Products DS75 Datasheet HTML 6Page - Maxim Integrated Products DS75 Datasheet HTML 7Page - Maxim Integrated Products DS75 Datasheet HTML 8Page - Maxim Integrated Products DS75 Datasheet HTML 9Page - Maxim Integrated Products DS75 Datasheet HTML 10Page - Maxim Integrated Products DS75 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Shutdown Mode
For power-sensitive applications, the DS75 offers a low-
power shutdown mode. The SD bit in the configuration
register controls shutdown mode. When SD is changed
to 1, the conversion in progress will be completed and
the result stored in the temperature register after which
the DS75 will go into a low-power standby state. The
O.S. output will be cleared if the thermostat is operating
in interrupt mode and O.S will remain unchanged in com-
parator mode. The 2-wire interface remains operational in
shutdown mode, and writing a 0 to the SD bit returns the
DS75 to normal operation.
Operation–Thermostat
The DS75 thermostat has two operating modes, com-
parator mode and interrupt mode, which activate and
deactivate the open-drain thermostat output (O.S.) based
on user-programmable trip-points (TOS and THYST).
The DS75 powers up with the thermostat in comparator
mode with active-low O.S. polarity and with the over-
temperature trip-point (TOS) register set to 80°C and the
hysteresis trip-point (THYST) register set to 75°C. If these
power-up settings are compatible with the application, the
DS75 can be used as a standalone thermostat (i.e., no
2–wire communication required). If interrupt mode opera-
tion, activehigh O.S. polarity or different TOS and THYST
values are desired, they must be programmed after pow-
erup, so standalone operation is not possible.
In both operating modes, the user can program the ther-
mostat fault tolerance, which sets how many consecutive
temperature readings (1, 2, 4, or 6) must fall outside of
the thermostat limits before the thermostat output is trig-
gered. The fault tolerance is set by the F1 and F0 bits in
the configuration and at power-up the fault tolerance is 1.
The data format of the TOS and THYST registers is
identical to that of the temperature register (Figure 3),
i.e., a two-byte two’s complement representation of the
trip-point temperature in degrees centigrade with bits 3
through 0 hardwired to 0. After every temperature con-
version, the measured temperature is compared to the
values in the TOS and THYST registers, and then O.S.
is updated based on the result of the comparison and
the operating mode. The number of TOS and THYST bits
used during the thermostat comparison is equal to the
conversion resolution set by the R1 and R0 bits in the
configuration register. For example, it the resolution is 9
bits, only the 9 MSbs of TOS and THYST will be used by
the thermostat comparator.
The active state of the O.S. output can be changed via the
POL bit in the configuration register. The power-up default
is active low.
If the user does not wish to use the thermostat capabilities
of the DS75, the O.S. output should be left floating. Note
that if the thermostat is not used, the TOS and THYST
registers can be used for general storage of system data.
Figure 3. Temperature, TH, and TL Register Format
Table 3. 12-Bit Resolution Temperature/Data Relationship
TEMPERATURE (°C)
DIGITAL OUTPUT (BINARY)
DIGITAL OUTPUT (HEX)
+125
0111 1101 0000 0000
7D00h
+25.0625
0001 1001 0001 0000
1910h
+10.125
0000 1010 0010 0000
0A20h
+0.5
0000 0000 1000 0000
0080h
0
0000 0000 0000 0000
0000h
-0.5
1111 1111 1000 0000
FF80h
-10.125
1111 0101 1110 0000
F5E0h
-25.0625
1110 0110 1111 0000
E6F0h
-55
1100 1001 0000 0000
C900h
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
MS Byte
S
26
25
24
23
22
21
20
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
LS Byte
2-1
2-2
2-3
2-4
0
0
0
0
DS75
Digital Thermometer and Thermostat
www.maximintegrated.com
Maxim Integrated │ 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com