Electronic Components Datasheet Search
  English  ▼

X  

DS75 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS75
Description  Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS75 Datasheet HTML 1Page - Maxim Integrated Products DS75 Datasheet HTML 2Page - Maxim Integrated Products DS75 Datasheet HTML 3Page - Maxim Integrated Products DS75 Datasheet HTML 4Page - Maxim Integrated Products DS75 Datasheet HTML 5Page - Maxim Integrated Products DS75 Datasheet HTML 6Page - Maxim Integrated Products DS75 Datasheet HTML 7Page - Maxim Integrated Products DS75 Datasheet HTML 8Page - Maxim Integrated Products DS75 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
Table 1. Ordering Information
Table 2. Detailed Pin Description
Note: A “+” symbol will also be marked on the package near the Pin 1 indicator
ORDERING
NUMBER
PACKAGE
MARKING
DESCRIPTION
DS75S+
DS75 (see note)
DS75 in Lead-Free 150mil 8-Pin SO
DS75S+T&R
DS75 (see note)
DS75 in Lead-Free 150mil 8-Pin SO, 2500-Piece Tape-and-Reel
DS75U+
DS75 (see note)
DS75 in Lead-Free 8-Pin µMAX
DS75U+T&R
DS75 (see note)
DS75 in Lead-Free 8-Pin µMAX, 3000-Piece Tape-and-Reel
DS75S
DS75
DS75 in 150mil 8-Pin SO
DS75S/T&R
DS75
DS75 in 150mil 8-Pin SO, 2500-Piece Tape-and-Reel
DS75U
DS75
DS75 in 8-Pin µMAX
DS75U/T&R
DS75
DS75 in 8-Pin µMAX, 3000-Piece Tape-and-Reel
DS75X/T&R
DS75
DS75 Flip Chip, 10,000-Piece Tape-and-Reel
PIN
SYMBOL
DESCRIPTION
1
SDA
Data input/output pin for 2-wire serial communication port. Open drain.
2
SCL
Clock input pin for 2-wire serial communication port.
3
O.S.
Thermostat output. Open drain.
4
GND
Ground pin.
5
A2
Address input pin.
6
A1
Address input pin.
7
A0
Address input pin.
8
VDD
Supply Voltage. +2.7V to +5.5V supply pin.
DS75
Digital Thermometer and Thermostat
www.maximintegrated.com
Maxim Integrated │ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com