Electronic Components Datasheet Search
  English  ▼

X  

DS75 Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # DS75
Description  Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75 Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button DS75 Datasheet HTML 6Page - Maxim Integrated Products DS75 Datasheet HTML 7Page - Maxim Integrated Products DS75 Datasheet HTML 8Page - Maxim Integrated Products DS75 Datasheet HTML 9Page - Maxim Integrated Products DS75 Datasheet HTML 10Page - Maxim Integrated Products DS75 Datasheet HTML 11Page - Maxim Integrated Products DS75 Datasheet HTML 12Page - Maxim Integrated Products DS75 Datasheet HTML 13Page - Maxim Integrated Products DS75 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
General 2-Wire Information
● All data is transmitted MSb first over the 2-wire bus.
● One bit of data is transmitted on the 2-wire bus each
SCL period.
● A pullup resistor is required on the SDA line and, when
the bus is idle, both SDA and SCL must remain in a
logic-high state.
● All bus communication must be initiated with a START
condition and terminated with a STOP condition.
During a START or STOP is the only time SDA is
allowed to change states while SCL is high. At all other
times, changes on the SDA line can only occur when
SCL is low: SDA must remain stable when SCL is high.
● After every 8-bit (1-byte) transfer, the receiving device
must answer with an ACK (or NACK), which takes one
SCL period. Therefore, nine clocks are required for
every one-byte data transfer.
Writing to the DS75
To write to the DS75, the master must generate a START
followed by an address byte containing the DS75 bus
address. The value of the R/W bit must be a 0, which
indicates that a write is about to take place. The DS75
will respond with an ACK after receiving the address byte.
This must be followed by a pointer byte from the master,
which tells the DS75 which register is being written to. The
DS75 will again respond with an ACK after receiving the
pointer byte. Following this ACK the master device must
immediately begin transmitting data to the DS75. When
writing to the configuration register, the master must send
one byte of data (see Figure 9a), and when writing to the
TOS or THYST registers the master must send two bytes
of data (see Figure 9b). After receiving each data byte,
the DS75 will respond with an ACK, and the transaction is
finished with a STOP from the master.
Reading from the DS75
When reading from the DS75, if the pointer was already
pointed to the desired register during a previous trans-
action, the read can be performed immediately without
changing the pointer setting. In this case the master
sends a START followed by an address byte containing
the DS75 bus address. The R/W bit must be a 1, which
tells the DS75 that a read is being performed. After the
DS75 sends an ACK in response to the address byte,
the DS75 will begin transmitting the requested data on
the next clock cycle. When reading from the configura-
tion register, the DS75 will transmit one byte of data, after
which the master must respond with a NACK followed by
a STOP (see Figure 9c). For two-byte reads (i.e., from the
Temperature, TOS or THYST register), the DS75 will trans-
mit two bytes of data, and the master must respond to the
first data byte with an ACK and to the second byte with
a NACK followed by a STOP (see Figure 9d). If only the
most significant byte of data is needed, the master can
issue a NACK followed by a STOP after reading the first
data byte in which case the transaction will be the same
as for a read from the configuration register.
If the pointer is not already pointing to the desired register,
the pointer must first be updated as shown in Figure 9e,
which shows a pointer update followed by a single-byte
read. The value of the R/W bit in the initial address byte
is a 0 (“write”) since the master is going to write a pointer
byte to the DS75. After the DS75 to the address byte with
an ACK, the master sends a pointer byte that corresponds
to the desired register. The master must then perform a
repeated start followed by a standard one or two byte
read sequence (with R/W =1) as described in the previ-
ous paragraph.
DS75
Digital Thermometer and Thermostat
www.maximintegrated.com
Maxim Integrated │ 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com