Electronic Components Datasheet Search
  English  ▼

X  

DS75 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # DS75
Description  Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75 Datasheet(HTML) 5 Page - Maxim Integrated Products

  DS75 Datasheet HTML 1Page - Maxim Integrated Products DS75 Datasheet HTML 2Page - Maxim Integrated Products DS75 Datasheet HTML 3Page - Maxim Integrated Products DS75 Datasheet HTML 4Page - Maxim Integrated Products DS75 Datasheet HTML 5Page - Maxim Integrated Products DS75 Datasheet HTML 6Page - Maxim Integrated Products DS75 Datasheet HTML 7Page - Maxim Integrated Products DS75 Datasheet HTML 8Page - Maxim Integrated Products DS75 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
(-55°C to +125°C; 2.7V ≤ VDD ≤ 5.5V)
Note 1: All voltages are referenced to ground.
Note 2: Internal heating caused by O.S. loading will cause the DS75 to read approximately 0.5°C higher if O.S. is sinking the max
rated current.
Note 3: IDD specified with O.S. pin open.
Note 4: IDD specified with VDD at 5.0V and SDA, VSCL = 5.0V, 0°C to 70°C.
Note 5: See Timing Diagram in Figure 2. All timing is referenced to 0.9 x VDD and 0.1 x VDD.
Note 6: After this period, the first clock pulse is generated.
Note 7: For example, if CB = 300pF, then tR[min] = tF[min] = 50ns.
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Resolution
9
12
bits
Temperature Conversion Time
tCONVT
9-bit conversions
150
ms
10-bit conversions
300
11-bit conversions
600
12-bit conversions
1200
SCL Frequency
fSCL
400
kHz
Bus Free Time Between a STOP
and START Condition
tBUF
(Note 5)
1.3
µs
START and Repeated START
Hold Time from Falling SCL
tHD:STA
(Notes 5, 6)
0.6
µs
Low Period of SCL
tLOW
(Note 5)
1.3
µs
High Period of SCL
tHIGH
(Note 5)
0.6
µs
Repeated START Condition
Setup Time to Rising SCL
tSU:STA
(Note 5)
0.6
µs
Data-Out Hold Time
from Falling SCL
tHD:DAT
(Note 5)
0
0.9
µs
Data-In Setup Time to
Rising SCL
tSU:DAT
(Note 5)
100
ns
Rise Time of SDA and SCL
tR
(Notes 5, 7)
20 + 0.1CB
1000
ns
Fall Time of SDA and SCL
tF
(Notes 5, 7)
20 + 0.1CB
300
ns
STOP Setup Time to Rising SCL
tSU:STO
(Note 5)
0.6
µs
Capacitive Load for
Each Bus Line
CB
400
pF
Input Capacitance
CI
5
pF
DS75
Digital Thermometer and Thermostat
www.maximintegrated.com
Maxim Integrated │ 5
AC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com