Electronic Components Datasheet Search
  English  ▼

X  

DS75 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS75
Description  Digital Thermometer and Thermostat
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS75 Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS75 Datasheet HTML 1Page - Maxim Integrated Products DS75 Datasheet HTML 2Page - Maxim Integrated Products DS75 Datasheet HTML 3Page - Maxim Integrated Products DS75 Datasheet HTML 4Page - Maxim Integrated Products DS75 Datasheet HTML 5Page - Maxim Integrated Products DS75 Datasheet HTML 6Page - Maxim Integrated Products DS75 Datasheet HTML 7Page - Maxim Integrated Products DS75 Datasheet HTML 8Page - Maxim Integrated Products DS75 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Voltage on VDD, Relative to Ground....................-0.3V to +7.0V
Voltage on any other pin,
Relative to Ground................................ -0.3V to (VDD + 0.3V)
Operating Temperature .................................... -55°C to +125°C
Storage Temperature........................................ -55°C to +125°C
Soldering Temperature ........................................+260°C for 10s
(-55°C to +125°C; 2.7V ≤ VDD ≤ 5.5V)
PARAMETER
SYMBOL
CONDITION
MIN
MAX
UNITS
Supply Voltage
VDD
2.7
5.5
V
Thermometer Error
TERR
-25 to +100 (Note 2)
± 2.0
°C
-55 to +125 (Note 2)
± 3.0
Input Logic High
VIH
(Note 1)
0.7 x VDD
VDD + 0.5
V
Input Logic Low
VIL
(Note 1)
-0.5
0.3 x VDD
V
SDA Output Logic Low Voltage
VOL1
3mA sink current (Note 1)
0
0.4
V
VOL2
6mA sink current (Note 1)
0
0.6
O.S. Saturation Voltage
VOL
4mA sink current (Notes 1, 2)
0.8
V
Input current each I/O pin
0.4 < VI/O< 0.9 VDD
-10
+10
µA
I/O Capacitance
CI/O
10
pF
Standby Current
IDD1
(Notes 3, 4)
1
µA
Active Current
IDD
Active temp conversions (Notes 3, 4)
1000
µA
Communication only (Notes 3, 4)
100
DS75
Digital Thermometer and Thermostat
www.maximintegrated.com
Maxim Integrated │ 4
Absolute Maximum Ratings
*Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
DC Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com