Electronic Components Datasheet Search
  English  ▼

X  

MAX14432 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX14432
Description  Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX14432 Datasheet HTML 1Page - Maxim Integrated Products MAX14432 Datasheet HTML 2Page - Maxim Integrated Products MAX14432 Datasheet HTML 3Page - Maxim Integrated Products MAX14432 Datasheet HTML 4Page - Maxim Integrated Products MAX14432 Datasheet HTML 5Page - Maxim Integrated Products MAX14432 Datasheet HTML 6Page - Maxim Integrated Products MAX14432 Datasheet HTML 7Page - Maxim Integrated Products MAX14432 Datasheet HTML 8Page - Maxim Integrated Products MAX14432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
General Description
The MAX14430/MAX14431/MAX14432 are fast, low power,
4-channel, digital galvanic isolators using Maxim’s propri-
etary process technology. These devices transfer digital
signals between circuits with different power domains
while using as little as 0.58mW per channel at 1Mbps with
a 1.8V supply. The MAX14430–MAX14432 have an iso-
lation rating of 3kVRMS (QSOP package) or 3.75kVRMS
(narrow SOIC package) for 60 seconds. For applica-
tions requiring 5kVRMS of isolation, see the MAX14434-
MAX14436.
The MAX14430–MAX14432 family offers all three pos-
sible unidirectional channel configurations to accom-
modate any 4-channel design, including SPI, RS-232,
RS-485, and digital I/O applications. Output enable for
the A side of the MAX14431R/S/U/V is active-low, making
them ideal for isolating a port on a shared SPI bus since
the CS signal can directly enable the MISO signal on the
isolator. All other devices in the family have the traditional
active-high enable.
Devices are available with a maximum data rate of either
25Mbps or 200Mbps and with outputs that are either
default-high or default-low. The default is the state the
output assumes when the input is either not powered or is
open-circuit. See the Ordering Information and Product
Selector Guide for suffixes associated with each option.
Independent 1.71V to 5.5V supplies on each side of the
isolator also make the devices suitable for use as level
translators.
The MAX14430–MAX14432 are available either in a
16-pin narrow-body SOIC package with 4mm of creep-
age and clearance, or in a smaller 16-pin QSOP package
with 3.8mm of creepage and clearance. The SOIC pack-
age material has a minimum comparative tracking index
(CTI) of 600V, which gives it a group I rating in creepage
table. The QSOP package material has a minimum CTI of
400V, which gives it a group II rating in creepage table. All
devices are rated for operation at ambient temperatures of
-40°C to +125°C.
Benefits and Features
● Robust Galvanic Isolation for Fast Digital Signals
• Up to 200Mbps Data Rate
• Continuously Withstands 445VRMS (VIOWM)
• Withstands 3.75kVRMS for 60s (VISO) Narrow
SOIC Package
• Withstands 3kVRMS for 60s (VISO) QSOP Package
• Withstands ±10kV Surge between GNDA and
GNDB with 1.2/50μs Waveform Narrow SOIC
Package
• Withstands ±7.5kV Surge between GNDA and
GNDB with 1.2/50μs Waveform QSOP Package
• High CMTI (50kV/μs, Typical)
● Low Power Consumption
• 1.1mW per Channel at 1Mbps with VDD = 3.3V
• 3.5mW per Channel at 100Mbps with VDD = 1.8V
● Options to Support a Broad Range of Applications
• 2 Data Rates (25Mbps, 200Mbps)
• 3 Channel Direction Configurations
• 2 Output Default States (High/Low)
• Two Packages (Narrow SOIC and QSOP)
Applications
● Isolated SPI Interface
● Fieldbus Communications for Industrial Automation
● Isolated RS-485/RS-422, CAN
● Battery Management
● Medical Systems
Safety Regulatory Approvals
● UL According to UL1577
● cUL According to CSA Bulletin 5A
Ordering Information and Product Selector Guide appear at
end of data sheet.
19-100198; Rev 5; 11/20
Click
here to ask about the production status of specific part numbers.
MAX14430–MAX14432
Four-Channel, Fast, Low-Power,
3kVRMS and 3.75kVRMS Digital Isolators


Similar Part No. - MAX14432

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14432 MAXIM-MAX14432 Datasheet
1Mb / 11P
Broad Range of Data Transfer Rates (from DC to 200Mbps)
Rev 3; 9/20
MAX14432BASE+* MAXIM-MAX14432BASE+* Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14432CASE+* MAXIM-MAX14432CASE+* Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14432EASE+* MAXIM-MAX14432EASE+* Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX14432FASE+ MAXIM-MAX14432FASE+ Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
More results

Similar Description - MAX14432

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL715 ETC1-IL715 Datasheet
128Kb / 7P
Four Channel Digital Isolators
logo
Maxim Integrated Produc...
MAX14934 MAXIM-MAX14934 Datasheet
1Mb / 24P
Four-Channel, 5kVRMS Digital Isolators
Rev 0; 9/14
logo
Silicon Laboratories
SI844X SILABS-SI844X Datasheet
1Mb / 32P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
logo
Maxim Integrated Produc...
MAX22344 MAXIM-MAX22344 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel 3.75kVRMS Digital Isolators
Rev 2; 2/19
MAX14434 MAXIM-MAX14434 Datasheet
1Mb / 26P
Four-Channel, Fast, Low-Power, 5kVRMS Digital Isolators
Rev 3; 1/19
MAX22444 MAXIM-MAX22444 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
Rev 7; 3/20
MAX12930 MAXIM-MAX12930_V01 Datasheet
1Mb / 24P
Two-Channel, Low-Power, 3kVRMS and 5kVRMS Digital Isolators
2020
MAX14430 MAXIM-MAX14430_V01 Datasheet
1Mb / 31P
Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
2022
MAX22446E MAXIM-MAX22446E_V01 Datasheet
1Mb / 31P
Reinforced, Fast, Low-Power, Four-Channel Digital Isolators
2021
logo
Skyworks Solutions Inc.
SI844X SKYWORKS-SI844X Datasheet
991Kb / 31P
FOUR AND FIVE-CHANNEL DIGITAL ISOLATORS
Revision 0.1 to Revision 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com