Electronic Components Datasheet Search
  English  ▼

X  

MAX14432 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX14432
Description  Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX14432 Datasheet HTML 1Page - Maxim Integrated Products MAX14432 Datasheet HTML 2Page - Maxim Integrated Products MAX14432 Datasheet HTML 3Page - Maxim Integrated Products MAX14432 Datasheet HTML 4Page - Maxim Integrated Products MAX14432 Datasheet HTML 5Page - Maxim Integrated Products MAX14432 Datasheet HTML 6Page - Maxim Integrated Products MAX14432 Datasheet HTML 7Page - Maxim Integrated Products MAX14432 Datasheet HTML 8Page - Maxim Integrated Products MAX14432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
VDDA to GNDA........................................................-0.3V to +6V
VDDB to GNDB........................................................-0.3V to +6V
IN_, EN_ on Side A to GNDA..................................-0.3V to +6V
IN_, EN_ on Side B to GNDB .................................-0.3V to +6V
OUT_ on Side A to GNDA...................... -0.3V to (VDDA + 0.3V)
OUT_ on Side B to GNDB ..................... -0.3V to (VDDB + 0.3V)
Short-Circuit Duration
OUT_ on Side A to GNDA,
OUT_ on Side B to GNDB.....................................Continuous
Continuous Power Dissipation (TA = +70°C)
Narrow SOIC (derate 13.3mW/°C above +70°C) ....1066.7mW
QSOP (derate 9.6mW/°C above +70°C).................... 771.5mW
Operating Temperature Range......................... -40°C to +125°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range............................ -60°C to +150°C
Soldering Temperature (reflow).......................................+260°C
MAX14430–MAX14432
Four-Channel, Fast, Low-Power,
3kVRMS and 3.75kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 2
Absolute Maximum Ratings
Package Information
PACKAGE TYPE: 16 NARROW SOIC
Package Code
S16MS+12
Outline Number
21-0041
Land Pattern Number
90-0442
THERMAL RESISTANCE, FOUR-LAYER BOARD
Junction to Ambient (θJA)
75°C/W
Junction to Case (θJC)
24°C/W
PACKAGE TYPE: 16 QSOP
Package Code
E16MS+1F
Outline Number
21-0055
Land Pattern Number
90-0167
THERMAL RESISTANCE, FOUR-LAYER BOARD
Junction to Ambient (θJA)
103.7°C/W
Junction to Case (θJC)
37°C/W
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer board. For
detailed information on package thermal considerations, refer to
www.maximintegrated.com/thermal-tutorial.
For the latest package outline information and land patterns (footprints), go to
www.maximintegrated.com/packages. Note that a “+”,
“#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different suffix character, but the drawing
pertains to the package regardless of RoHS status.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these
or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com