Electronic Components Datasheet Search
  English  ▼

X  

MAX14432 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX14432
Description  Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX14432 Datasheet HTML 6Page - Maxim Integrated Products MAX14432 Datasheet HTML 7Page - Maxim Integrated Products MAX14432 Datasheet HTML 8Page - Maxim Integrated Products MAX14432 Datasheet HTML 9Page - Maxim Integrated Products MAX14432 Datasheet HTML 10Page - Maxim Integrated Products MAX14432 Datasheet HTML 11Page - Maxim Integrated Products MAX14432 Datasheet HTML 12Page - Maxim Integrated Products MAX14432 Datasheet HTML 13Page - Maxim Integrated Products MAX14432 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Note 1: All devices are 100% production tested at TA = +25°C. Specifications over temperature are guaranteed by design and
characterization.
Note 2: Not production tested. Guaranteed by design and characterization.
Note 3: All currents into the device are positive. All currents out of the device are negative. All voltages are referenced to their
respective ground (GNDA or GNDB), unless otherwise noted.
Note 4: CMTI is the maximum sustainable common-mode voltage slew rate while maintaining the correct output. CMTI applies to
both rising and falling common-mode voltage edges. Tested with the transient generator connected between GNDA and
GNDB (VCM = 1000V).
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Peak Eye Diagram Jitter
TJIT(PK)
25Mbps
250
ps
Rise Time (Figure 1)
tR
4.5V ≤ VDD_ ≤ 5.5V
1.6
ns
3.0V ≤ VDD_ ≤ 3.6V
2.2
2.25V ≤ VDD_ ≤ 2.75V
3
1.71V ≤ VDD_ ≤ 1.89V
4.5
Fall Time (Figure 1)
tF
4.5V ≤ VDD_ ≤ 5.5V
1.4
ns
3.0V ≤ VDD_ ≤ 3.6V
2
2.25V ≤ VDD_ ≤ 2.75V
2.8
1.71V ≤ VDD_ ≤ 1.89V
5.1
Enable to Data Valid
tEN
ENA to
OUT_,
ENB to
OUT_,
CL = 15pF
4.5V ≤ VDD_ ≤ 5.5V
3.5
ns
3.0V ≤ VDD_ ≤ 3.6V
5.8
2.25V ≤ VDD_ ≤ 2.75V
9.3
1.71V ≤ VDD_ ≤ 1.89V
17.4
Enable to Tristate
tTRI
ENA to
OUT_,
ENB to
OUT_,
CL = 15pF
4.5V ≤ VDD_ ≤ 5.5V
6.4
ns
3.0V ≤ VDD_ ≤ 3.6V
9.2
2.25V ≤ VDD_ ≤ 2.75V
12.8
1.71V ≤ VDD_ ≤ 1.89V
19.4
MAX14430–MAX14432
Four-Channel, Fast, Low-Power,
3kVRMS and 3.75kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 10
Dynamic Characteristics MAX1443_B/E/R/U (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com