Electronic Components Datasheet Search
  English  ▼

X  

MAX14432 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX14432
Description  Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX14432 Datasheet HTML 17Page - Maxim Integrated Products MAX14432 Datasheet HTML 18Page - Maxim Integrated Products MAX14432 Datasheet HTML 19Page - Maxim Integrated Products MAX14432 Datasheet HTML 20Page - Maxim Integrated Products MAX14432 Datasheet HTML 21Page - Maxim Integrated Products MAX14432 Datasheet HTML 22Page - Maxim Integrated Products MAX14432 Datasheet HTML 23Page - Maxim Integrated Products MAX14432 Datasheet HTML 24Page - Maxim Integrated Products MAX14432 Datasheet HTML 25Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
Detailed Description
The MAX14430–MAX14432 are a family of 4-channel
digital isolators. The MAX14430–MAX14432 have an iso-
lation rating of 3kVRMS (QSOP package) or 3.75kVRMS
(narrow SOIC package) for 60 seconds. The MAX14430–
MAX14432 family offers all three possible unidirectional
channel configurations to accommodate any 4-channel
design, including SPI, RS-232, RS-485, and digital I/O
applications. For applications requiring bidirectional chan-
nels, such as I2C, see the MAX14933 and MAX14937.
The MAX14430 features four channels transferring digital
signals in one direction for applications such as isolated
digital I/O. The MAX14431 has three channels transmitting
data in one direction and one channel transmitting in the
opposite direction, making it ideal for applications such as
isolated SPI and RS-485 communication. The MAX14432
provides further design flexibility with two channels in each
direction for isolated RS-232 or other applications.
Devices are available either in the 16-pin narrow-body
SOIC package and are rated for up to 3.75kVRMS, or in the
16-pin QSOP package and are rated for up to 3kVRMS.This
family of digital isolators offers low-power operation, high
electromagnetic interference (EMI) immunity, and stable
temperature performance through Maxim’s proprietary
process technology. The devices isolate different ground
domains and block high-voltage/high-current transients
from sensitive or human interface circuitry.
Devices are available with a maximum data rate of either
25Mbps (B/E/R/U versions) or 200Mbps (C/F/S/V versions).
Each device can be ordered with default-high or default-
low outputs. The default is the state the output assumes
when the input is not powered or if the input is open circuit.
The devices have two supply inputs (VDDA and VDDB)
that independently set the logic levels on either side of
the device. VDDA and VDDB are referenced to GNDA and
GNDB, respectively. The MAX14430–MAX14432 family
also features a refresh circuit to ensure output accuracy
when an input remains in the same state indefinitely.
Digital Isolation
The MAX14430–MAX14432 family provides galvanic iso-
lation for digital signals that are transmitted between two
ground domains. Two isolation ratings are available in two
different package options. The devices in the narrow-body
SOIC package withstand differences of up to 3.75kVRMS
for up to 60 seconds, and up to 630VPEAK of continuous
isolation. The devices in the QSOP package withstand
differences of up to 3kVRMS for up to 60 seconds, and up
to 630VPEAK of continuous isolation. See the Ordering
Information and Product Selector Guide for suffixes asso-
ciated with each option.
Level-Shifting
The wide supply voltage range of both VDDA and VDDB
allows the MAX14430–MAX14432 family to be used for
level translation in addition to isolation. VDDA and VDDB
can be independently set to any voltage from 1.71V
to 5.5V. The supply voltage sets the logic level on the
corresponding side of the isolator.
Unidirectional Channels
Each channel of the MAX14430–MAX14432 is unidirectional;
it only passes data in one direction, as indicated in the
functional diagram. Each device features four unidirectional
channels that operate independently with guaranteed data
rates from DC up to 25Mbps (B/E/R/U versions), or from
DC to 200Mbps (C/F/S/V versions). The output driver of each
channel is push-pull, eliminating the need for pullup
resistors. The outputs are able to drive both TTL and
CMOS logic inputs.
MAX14430–MAX14432
Four-Channel, Fast, Low-Power,
3kVRMS and 3.75kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com