Electronic Components Datasheet Search
  English  ▼

X  

MAX14432 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX14432
Description  Four-Channel, Fast, Low-Power, 3kVRMS and 3.75kVRMS Digital Isolators
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX14432 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX14432 Datasheet HTML 1Page - Maxim Integrated Products MAX14432 Datasheet HTML 2Page - Maxim Integrated Products MAX14432 Datasheet HTML 3Page - Maxim Integrated Products MAX14432 Datasheet HTML 4Page - Maxim Integrated Products MAX14432 Datasheet HTML 5Page - Maxim Integrated Products MAX14432 Datasheet HTML 6Page - Maxim Integrated Products MAX14432 Datasheet HTML 7Page - Maxim Integrated Products MAX14432 Datasheet HTML 8Page - Maxim Integrated Products MAX14432 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
(VDDA - VGNDA = 1.71V to 5.5V, VDDB - VGNDB = 1.71V to 5.5V, CL = 15pF, TA = -40°C to +125°C, unless otherwise noted. Typical
values are at VDDA - VGNDA = 3.3V, VDDB - VGNDB = 3.3V, VGNDA = VGNDB, TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current (MAX14431_)
(Note 2)
IDDA
500kHz square
wave, CL = 0pF
VDDA = 5V
0.62
1.10
mA
VDDA = 3.3V
0.60
1.06
VDDA = 2.5V
0.59
1.05
VDDA = 1.8V
0.57
0.83
12.5MHz square
wave, CL = 0pF
VDDA = 5V
1.98
2.80
VDDA = 3.3V
1.70
2.47
VDDA = 2.5V
1.61
2.35
VDDA = 1.8V
1.52
2.02
50MHz square
wave, CL = 0pF
VDDA = 5V
5.77
7.43
VDDA = 3.3V
4.73
6.25
VDDA = 2.5V
4.38
5.81
VDDA = 1.8V
4.03
5.15
IDDB
500kHz square
wave, CL = 0pF
VDDB = 5V
0.78
1.35
mA
VDDB = 3.3V
0.75
1.30
VDDB = 2.5V
0.74
1.28
VDDB = 1.8V
0.72
1.16
12.5MHz square
wave, CL = 0pF
VDDB = 5V
2.64
3.49
VDDB = 3.3V
1.90
2.65
VDDB = 2.5V
1.66
2.36
VDDB = 1.8V
1.46
2.03
50MHz square
wave, CL = 0pF
VDDB = 5V
8.26
9.91
VDDB = 3.3V
5.36
6.66
VDDB = 2.5V
4.42
5.52
VDDB = 1.8V
3.66
4.51
MAX14430–MAX14432
Four-Channel, Fast, Low-Power,
3kVRMS and 3.75kVRMS Digital Isolators
www.maximintegrated.com
Maxim Integrated │ 4
DC Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com