Electronic Components Datasheet Search
  English  ▼

X  

FXLS90630 Datasheet(PDF) 32 Page - NXP Semiconductors

Part # FXLS90630
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90630 Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button FXLS90630 Datasheet HTML 28Page - NXP Semiconductors FXLS90630 Datasheet HTML 29Page - NXP Semiconductors FXLS90630 Datasheet HTML 30Page - NXP Semiconductors FXLS90630 Datasheet HTML 31Page - NXP Semiconductors FXLS90630 Datasheet HTML 32Page - NXP Semiconductors FXLS90630 Datasheet HTML 33Page - NXP Semiconductors FXLS90630 Datasheet HTML 34Page - NXP Semiconductors FXLS90630 Datasheet HTML 35Page - NXP Semiconductors FXLS90630 Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
VCC_BUF_min ≤ (VBUS_I – VSS) ≤ VCC_BUF_max, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Start Condition Setup Time (SDA = 30/70 % of VCC to SCL = 30 % of VCC)
10830
100 kHz Mode
tSTARTSETUP_100
4.70
—
—
µs
6
10851
400 kHz Mode
tSTARTSETUP_400
0.60
—
—
µs
6
10850
1000 kHz Mode
tSTARTSETUP_1000
0.26
—
—
µs
6
Start Condition Hold Time (SCL = 70 % of VCC to SDA = 30/70 % of VCC)
10829
100 kHz Mode
tSTARTHOLD_100
4.00
—
—
µs
6
10853
400 kHz Mode
tSTARTHOLD_400
0.60
—
—
µs
6
10852
1000 kHz Mode
tSTARTHOLD_1000
0.26
—
—
µs
6
Stop Condition Setup Time (SDA = 30/70 % of VCC to SCL = 30 % of VCC)
10828
100 kHz Mode
tSTOPSETUP_100
4.00
—
—
µs
6
10855
400 kHz Mode
tSTOPSETUP_400
0.60
—
—
µs
6
10854
1000 kHz Mode
tSTOPSETUP_1000
0.26
—
—
µs
6
SCLK low to data valid (SCL = 30 % of VCC to SDA = 30/70 % of VCC)
10827
100 kHz Mode
tVALID_100
—
—
3.45
µs
6
10857
400 kHz Mode
tVALID_400
—
—
0.90
µs
6
10856
1000 kHz Mode
tVALID_1000
—
—
0.45
µs
6
Bus Free Time (SDA = 70 % of VCC to SDA = 70 % of VCC)
10826
100 kHz Mode
tFREE_100
4.00
—
—
µs
6
10859
400 kHz Mode
tFREE_400
1.30
—
—
µs
6
10859
1000 kHz Mode
tFREE_1000
0.50
—
—
µs
6
10825
Bus Capacitive Load
CBUS
—
—
400
pF
7, 9
Table 37. Dynamic electrical characteristics - I2C...continued
10.15 Dynamic electrical characteristics - signal chain, low-pass filter
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_min, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test notes
DSP Low-Pass Filters Sample Times
10872
SAMPLERATE = 00, 01
*
tSigChain00,
tSigChain01
—
16
—
µs
7, 8, 9
10872
SAMPLERATE = 10
*
tSigChain10
—
32
—
µs
7, 8, 9
10871
SAMPLERATE = 11
*
tSigChain11
—
64
—
µs
7, 8, 9
DSP Low-Pass Filters (Signal Chain Sample Time = 16 µs)
21379
Cutoff Frequency, Filter Option #0, and #2, 4-Pole
*
fc0_16, fc2_16
—
400
—
Hz
7, 8, 9, 11
21380
Cutoff Frequency, Filter Option #1, and #3, 3-Pole
*
fc1_16, fc3_16
—
400
—
Hz
7, 8, 9, 11
21381
Cutoff Frequency, Filter Option #4, 3-Pole
*
fc4_16
—
325
—
Hz
7, 8, 9, 11
21382
Cutoff Frequency, Filter Option #5, 2-Pole
*
fc5_16
—
370
—
Hz
7, 8, 9, 11
21383
Cutoff Frequency, Filter Option #6, 2-Pole
*
fc6_16
—
180
—
Hz
7, 8, 9, 11
21384
Cutoff Frequency, Filter Option #7, 2-Pole
*
fc7_16
—
100
—
Hz
7, 8, 9, 11
21385
Cutoff Frequency, Filter Option #8, 4-Pole
*
fc8_16
—
1500
—
Hz
7, 8, 9, 11
Table 38. Dynamic electrical characteristics - signal chain, low-pass filter
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
32 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com