Electronic Components Datasheet Search
  English  ▼

X  

FXLS90630 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # FXLS90630
Description  Single channel inertial sensor
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

FXLS90630 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button FXLS90630 Datasheet HTML 32Page - NXP Semiconductors FXLS90630 Datasheet HTML 33Page - NXP Semiconductors FXLS90630 Datasheet HTML 34Page - NXP Semiconductors FXLS90630 Datasheet HTML 35Page - NXP Semiconductors FXLS90630 Datasheet HTML 36Page - NXP Semiconductors FXLS90630 Datasheet HTML 37Page - NXP Semiconductors FXLS90630 Datasheet HTML 38Page - NXP Semiconductors FXLS90630 Datasheet HTML 39Page - NXP Semiconductors FXLS90630 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 247 page
background image
NXP Semiconductors
FXLS9xxx0
Single channel inertial sensor
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_min, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38157
High g Lateral, LPF = 188 Hz, 4-Pole
tST_Resp_HiX_188_4
3210
3380
3600
µs
7, 8
Medium g, Z-Axis
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38158
Medium g Z-Axis, LPF = 800 Hz, 4-Pole
tST_Resp_MedZ_800_4
750
795
1010
µs
7, 8
44637
Medium g Z-Axis, LPF = 1500 Hz, 4-Pole
tST_Resp_MedZ_1500_4
395
415
710
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38159
Medium g Z-Axis, LPF = 400 Hz, 4-Pole
tST_Resp_MedZ_400_4
1510
1590
1810
µs
7, 8
38160
Medium g Z-Axis, LPF = 400 Hz, 3-Pole
tST_Resp_MedZ_400_3
1420
1490
1700
µs
7, 8
38161
Medium g Z-Axis, LPF = 180 Hz, 2-Pole
tST_Resp_MedZ_180_2
3030
3190
3470
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38162
Medium g Z-Axis, LPF = 300 Hz, 4-Pole
tST_Resp_MedZ_300_4
2010
2120
2360
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38163
Medium g Z-Axis, LPF = 188 Hz, 4-Pole
tST_Resp_MedZ_188_4
3210
3380
3680
µs
7, 8
High g, Z-Axis
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38164
High g Z-Axis, LPF = 800 Hz, 4-Pole
tST_Resp_HiZ_800_4
750
795
994
µs
7, 8
44638
High g Z-Axis, LPF = 1500 Hz, 4-Pole
tST_Resp_HiZ_1500_4
395
415
675
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38165
High g Z-Axis, LPF = 400 Hz, 4-Pole
tST_Resp_HiZ_400_4
1510
1590
1800
µs
7, 8
38166
High g Z-Axis, LPF = 400 Hz, 3-Pole
tST_Resp_HiZ_400_3
1420
1490
1690
µs
7, 8
38167
High g Z-Axis, LPF = 180 Hz, 2-Pole
tST_Resp_HiZ_180_2
3030
3190
3470
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38168
High g Z-Axis, LPF = 300 Hz, 4-Pole
tST_Resp_HiZ_300_4
2010
2120
2360
µs
7, 8
Self-test Response Time: Self-test Activation/Deactivation to 99 % / 1 % gST
38169
High g Z-Axis, LPF = 188 Hz, 4-Pole
tST_Resp_HiZ_188_4
3210
3380
3680
µs
7, 8
Table 40. Dynamic electrical characteristics - analog self-test response time...continued
10.18 Dynamic electrical characteristics - digital self-test response time
VBUS_I_L_min ≤ (VBUS_I – VSS) ≤ VBUS_I_H_min, TL ≤ TA ≤ TH, ΔT ≤ 25 °C/min, unless otherwise specified
#
Characteristic
Symbol
Min
Typ
Max
Units
Test
notes
Self-test Response Time: Self-test Activation/Deactivation to Final Value
44639
LPF ≤ 60 Hz
tDST_Resp_50
—
—
50
ms
7, 8
Self-test Response Time: Self-test Activation/Deactivation to Final Value
44641
60 Hz ≤ LPF ≤ 200 Hz
tDST_Resp_100
—
—
25
ms
7, 8
Self-test Response Time: Self-test Activation/Deactivation to Final Value
44640
300 Hz ≤ LPF ≤ 1500 Hz
tDST_Resp_400
—
—
12
ms
7, 8
38176
Fixed Pattern Response Time: Self-test Activation/Deactivation
tST_FP_Resp
—
—
100
µs
7, 8
Table 41. Dynamic electrical characteristics - digital self-test response time
FXLS9xxx0
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 6 — 8 February 2021
36 / 247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com